Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3702CPWRG4 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC3702CPWRG4
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3702CPWRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC3702CPWRG4 Datasheet HTML 12Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 13Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 14Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 15Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 16Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 17Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 18Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 19Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TLC3702
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATORS
SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
01
2
3
4
5
LOW-TO-HIGH-LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
tPLH − Low-to-High-Level Output
Response Time − μs
VDD = 5 V
TA = 25°C
CL = 50 pF
5
0
100
0
40 mV
20 mV
10 mV
5 mV
2 mV
Figure 19
40 mV
20 mV
10 mV
5 mV
2 mV
HIGH-TO-LOW-LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
tPHL − High-to-Low-Level Output
Response Time − μs
5
0
100
0
0
1
2
345
VDD = 5 V
TA = 25° C
CL = 50 pF
Figure 20
LOW-TO-HIGH-LEVEL
OUTPUT RESPONSE TIME
vs
SUPPLY VOLTAGE
Overdrive = 2 mV
5 mV
10 mV
20 mV
40 mV
6
5
4
3
2
1
0
0
2
4
6
8
1012
1416
VDD − Supply Voltage − V
CL = 50 pF
TA = 25°C
Figure 21
HIGH-TO-LOW-LEVEL
OUTPUT RESPONSE TIME
vs
SUPPLY VOLTAGE
6
5
4
3
2
1
0
0
2
4
6
8
101214
16
5 mV
10 mV
20 mV
40 mV
CL = 50 pF
TA = 25°C
VDD − Supply Voltage − V
Overdrive = 2 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com