Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3702CPWRG4 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC3702CPWRG4
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3702CPWRG4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC3702CPWRG4 Datasheet HTML 14Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 15Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 16Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 17Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 18Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 19Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 20Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 21Page - Texas Instruments TLC3702CPWRG4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
TLC3702
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATORS
SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The inputs should always remain within the supply rails in order to avoid forward biasing the diodes in the
electrostatic discharge (ESD) protection structure. If either input exceeds this range, the device is not damaged
as long as the input is limited to less than 5 mA. To maintain the expected output state, the inputs must remain
within the common-mode range. For example, at 25°C with VDD = 5 V, both inputs must remain between
−0.2 V and 4 V to ensure proper device operation.
To ensure reliable operation, the supply should be decoupled with a capacitor (0.1 μF) that is positioned as close
to the device as possible.
The TLC3702 has internal ESD-protection circuits that prevent functional failures at voltages up to 2000 V as
tested under MIL-STD-883C, Method 3015.2; however, care should be exercised in handling these devices as
exposure to ESD may result in the degradation of the device parametric performance.
Table of Applications
FIGURE
Pulse-width-modulated motor speed controller
25
Enhanced supply supervisor
26
Two-phase nonoverlapping clock generator
27
Micropower switching regulator
28
C1
0.01 μF
(see Note B)
5 V
1/2 TLC3702
Motor Speed Control
Potentiometer
+
−
+
−
10 kΩ
100 kΩ
10 kΩ
10 kΩ
See
Note A
1/2 TLC3704
10 kΩ
5 V
DIR
EN
SN75603
Half-H Driver
12 V
Motor
DIR
EN
12 V
Direction
Control
S1
SPDT
5 V
5 V
SN75604
Half-H Driver
NOTES: A. The recommended minimum capacitance is 10 μF to eliminate common ground switching noise.
B. Adjust C1 for change in oscillator frequency.
Figure 25. Pulse-Width-Modulated Motor Speed Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com