Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3952 Datasheet(PDF) 36 Page - Texas Instruments

Part # LP3952
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP3952 Datasheet HTML 32Page - Texas Instruments LP3952 Datasheet HTML 33Page - Texas Instruments LP3952 Datasheet HTML 34Page - Texas Instruments LP3952 Datasheet HTML 35Page - Texas Instruments LP3952 Datasheet HTML 36Page - Texas Instruments LP3952 Datasheet HTML 37Page - Texas Instruments LP3952 Datasheet HTML 38Page - Texas Instruments LP3952 Datasheet HTML 39Page - Texas Instruments LP3952 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
BOOST_OUTPUT (0DH) – BOOST OUTPUT VOLTAGE CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
Boost[7:0]
rw-0
rw-0
rw-1
rw-1
rw-1
rw-1
rw-1
rw-1
Adjustment
Boost[7:0]
Typical boost output (V)
0000 0000
4.00
0000 0001
4.25
0000 0011
4.40
Boost[7:0]
Bits 7-0
0000 0111
4.55
0000 1111
4.70
0001 1111
4.85
0011 1111
5.00 (default)
0111 1111
5.15
1111 1111
5.30
BOOST_FRQ (0EH) – BOOST FREQUENCY CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
freq_sel[2:0]
r-0
r-0
r-0
r-0
r-0
rw-1
rw-1
rw-1
Adjustment
freq_sel[2:0]
Frequency
freq_sel[2:0]
Bits 7-0
1xx
2.00 MHz
01x
1.67 MHz
00x
1.00 MHz
PATTERN_GEN_CTRL (11H) – PATTERN GENERATOR CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
en_blink
rgb_start
loop
log
r-0
r-0
r-0
r-0
rw-0
rw-0
rw-0
rw-0
0 - blinking sequences start bit disabled
en_blink
Bit 3
1 - blinking sequences start bit enabled
0 – pattern generator disabled
rgb_start
Bit 2
1 – execution pattern starting from command 1
0 – pattern generator loop disabled (single pattern)
loop
Bit 1
1 – pattern generator loop enabled (execute until stopped)
0 – color intensity mode 0
log
Bit 0
1 – color intensity mode 1
36
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com