Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3952 Datasheet(PDF) 38 Page - Texas Instruments

Part # LP3952
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP3952 Datasheet HTML 34Page - Texas Instruments LP3952 Datasheet HTML 35Page - Texas Instruments LP3952 Datasheet HTML 36Page - Texas Instruments LP3952 Datasheet HTML 37Page - Texas Instruments LP3952 Datasheet HTML 38Page - Texas Instruments LP3952 Datasheet HTML 39Page - Texas Instruments LP3952 Datasheet HTML 40Page - Texas Instruments LP3952 Datasheet HTML 41Page - Texas Instruments LP3952 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
AUDIO_SYNC_CTRL1 (2AH) – AUDIO SYNCHRONIZATION AND ADC CONTROL REGISTER 1
D7
D6
D5
D4
D3
D2
D1
D0
gain_sel[2:0]
sync_mode
en_agc
en_sync
input_sel[1:0]
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-1
rw-1
Input signal gain control
gain_sel[2:0]
gain, dB
000
0 (default)
001
3
010
6
gain_sel[2:0]
Bits 7-5
011
9
100
12
101
15
110
18
111
21
Input filter mode control
sync_mode
Bit 4
0 – Amplitude mode
1 – Frequency mode
0 – automatic gain control disabled
en_agc
Bit 3
1 – automatic gain control enabled
0 – audio synchronization disabled
en_sync
Bit 2
1 – audio synchronization enabled
ADC input selector
input_sel[1:0]
Input
00
Single ended input signal (ASE)
input_sel[1:0]
Bits 1-0
01
Not used
10
Not used
11
No input (default)
AUDIO_SYNC_CTRL2 (2BH) – AUDIO SYNCHRONIZATION AND ADC CONTROL REGISTER 2
D7
D6
D5
D4
D3
D2
D1
D0
en_avg
mode_ctrl[1:0]
speed_ctrl[1:0]
r-0
r-0
r-0
rw-0
rw-0
rw-0
rw-0
rw-0
0 – averaging disabled. fsample = 122 Hz, data in register changes every 8.2 ms.
en_avg
Bit 4
1 – averaging enabled. fsample = 244 Hz, averaging of 64 samples, data in register
changes every 262 ms (3.2Hz).
mode_ctrl[1:0]
Bits 3-2
Filtering mode control
LEDs light response time to audio input
speed_ctrl[1:0]
Response
00
FASTEST (default)
speed_ctrl[1:0]
Bits 1-0
01
FAST
10
MEDIUM
11
SLOW
38
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com