Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3954TL/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP3954TL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954TL/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP3954TL/NOPB Datasheet HTML 22Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 23Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 24Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 25Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 26Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 27Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 28Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 29Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
VIEW FINDER / FOCUS
HIGH CURRENT
FLASH
FL_T[1:0]
FLASH_EN input
HC[1:0]
Current
Time
HC[11] = IMAX
EN_HCFLASH bit
HC[1:0] = 00
HC[1:0] = 01
HC[1:0] = 10
HC[1:0] = 11
For mode
FL_T[1:0]=11
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Figure 24 shows the functionality of the built-in flash.
Figure 24. Built-In Flash
HIGH CURRENT DRIVER ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Typ
Max
Unit
ILEAKAGE
FLASH pin leakage current
0.1
2
µA
IMAX(FLASH)
Maximum Sink Current
400
mA
Accuracy at 300 mA
RFLASH=1.18 kΩ ±1%
±5
±10
%
Current mirror ratio
1:300
Backlight Drivers
LP3954 has 2 independent backlight drivers. Both drivers are regulated constant current sinks. LED current for
both LED banks (WLED1…4 and WLED5…6) are controlled by 8-bit current mode DACs with 0.1 mA step.
WLED1…4 and WLED5…6 can be also controlled with one DAC for better matching allowing the use of larger
displays having up to 6 white LEDs in parallel.
Display configuration is controlled with DISPL bit as shown below.
DISPL
Configuration
Matching
Main display up to 4 LEDs
Good btw WLED1…4
0
Sub display up to 2 LEDs
Good btw WLED5…6
1
Large display up to 6 LEDs
Good btw WLED 1…6
Display backlight enables
1
WLED1-4 enabled
EN_W1-4
0
WLED1-4 disabled
EN_W5-6
1
WLED5-6 enabled
0
WLED5-6 disabled
26
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com