Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8565 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA8565
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA8565 Datasheet HTML 9Page - NXP Semiconductors PCA8565 Datasheet HTML 10Page - NXP Semiconductors PCA8565 Datasheet HTML 11Page - NXP Semiconductors PCA8565 Datasheet HTML 12Page - NXP Semiconductors PCA8565 Datasheet HTML 13Page - NXP Semiconductors PCA8565 Datasheet HTML 14Page - NXP Semiconductors PCA8565 Datasheet HTML 15Page - NXP Semiconductors PCA8565 Datasheet HTML 16Page - NXP Semiconductors PCA8565 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
13 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
clock pulse. A slave receiver which is addressed must generate an acknowledge after
the reception of each byte. Also a master receiver must generate an acknowledge
after the reception of each byte that has been clocked out of the slave transmitter.
The device that acknowledges must pull down the SDA line during the acknowledge
clock pulse, so that the SDA line is stable LOW during the HIGH period of the
acknowledge related clock pulse (set-up and hold times must be taken into
consideration). A master receiver must signal an end of data to the transmitter by not
generating an acknowledge on the last byte that has been clocked out of the slave. In
this event the transmitter must leave the data line HIGH to enable the master to
generate a stop condition.
9.5 I2C-bus protocol
9.5.1
Addressing
Before any data is transmitted on the I2C-bus, the device which should respond is
addressed first. The addressing is always carried out with the first byte transmitted
after the start procedure.
The PCA8565 acts as a slave receiver or slave transmitter. Therefore the clock signal
SCL is only an input signal, but the data signal SDA is a bidirectional line.
The PCA8565 slave address is shown in Figure 10.
Fig 9.
Acknowledgement on the I2C-bus.
MBC602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
DATA OUTPUT
BY TRANSMITTER
DATA OUTPUT
BY RECEIVER
SCL FROM
MASTER
Fig 10. Slave address.
MCE189
1
0
1
0
0
0
1
R/W
group 1
group 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com