Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8565 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA8565
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA8565 Datasheet HTML 12Page - NXP Semiconductors PCA8565 Datasheet HTML 13Page - NXP Semiconductors PCA8565 Datasheet HTML 14Page - NXP Semiconductors PCA8565 Datasheet HTML 15Page - NXP Semiconductors PCA8565 Datasheet HTML 16Page - NXP Semiconductors PCA8565 Datasheet HTML 17Page - NXP Semiconductors PCA8565 Datasheet HTML 18Page - NXP Semiconductors PCA8565 Datasheet HTML 19Page - NXP Semiconductors PCA8565 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
16 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[1]
Timer source clock = 1
⁄
60 Hz, level of pins SCL and SDA is VDD or VSS.
[2]
Worst case is at high temperature and high supply voltage.
[3]
Timer source clock = 1
⁄
60 Hz, level of pins SCL and SDA is VDD or VSS.
[4]
Tested on sample basis.
IDD3
supply current 3
interface inactive (fSCL = 0 Hz);
CLKOUT enabled at 32 kHz;
Tamb =25 °C
[3]
VDD = 5.0 V
-
1000
2000
nA
VDD = 4.0 V
-
900
1800
nA
VDD = 3.0 V
-
800
1600
nA
VDD = 2.0 V
-
700
1400
nA
VDD = 5.0 V;Tamb = 125 °C
[2] -
1000
6000
nA
Inputs
VIL
LOW-level input voltage
VSS − 0.3
-
0.3VDD
V
VIH(SCL)
SCL HIGH-level input
voltage
0.7VDD
-
5.5
V
VIH(SDA)
SDA HIGH-level input
voltage
0.7VDD
-
5.5
V
VIH(OSCI)
OSCI HIGH-level input
voltage
0.7VDD
-VDD + 0.3
V
ILI(SCL)
SCL input leakage current VI =VDD or VSS
−10
+1
µA
ILI(SDA)
SDA input leakage current VI =VDD or VSS
−10
+1
µA
Ci
input capacitance
[4] --7
pF
Outputs
IOL(SDA)
SDA LOW-level output
current
VOL = 0.4 V; VDD =5V
−3-
-
mA
IOL(INT)
INT LOW-level output
current
VOL = 0.4 V; VDD =5V
−1-
-
mA
IOL(CLKOUT)
CLKOUT LOW-level
output current
VO =VDD or VSS
−1-
-
mA
ILO
output leakage current
−10
+1
µA
Voltage detector
Vlow
low voltage detection
-
0.9
1.7
V
Temperature
Tamb
ambient temperature
−40
+125
°C
Table 28:
Static characteristics…continued
VDD = 1.8 to 5.5 V; VSS =0V; Tamb = −40 to +125 °C; fosc = 32.768 kHz; quartz Rs =40kΩ; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com