Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5560TMX/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560TMX/NOPB
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560TMX/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5560TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
18
LP5560
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.5 Programming
7.5.1 Default Sequence
Default blinking sequence is programmed into the LP5560 to enable the use of a device in simple systems
without programming capabilities. Default sequence has a single pulse with parameters as follows:
I = 5.3 mA; R1 = 528 ms; ON1 = 501.6 ms; F1 = 528; OFF1 = 1610.4 ms
7.6 Registers
7.6.1 Control Registers
Control registers are shown only for a reference. There is no direct way to write or read these registers. Register
values are set in the training mode as described earlier in the document.
Table 6. Control Registers
7
6
5
4
3
2
1
0
F1[3:0]
R1[3:0]
F2[3:0]
R2[3:0]
F3[3:0]
R3[3:0]
MODE
NOP[1:0]
ON1[4:0]
I_LED[2:0]
OFF1[4:0]
n/a
ON2[4:0]
n/a
OFF2[4:0]
n/a
ON3[4:0]
n/a
OFF3[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com