| Electronic Components Datasheet Search |
|
TLE2082IDRG4 Datasheet(PDF) 45 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2082IDRG4 Datasheet(HTML) 45 Page - Texas Instruments |
|
45 / 79 page ![]() TLE208x, TLE208xA, TLE208xY EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS182B – FEBRUARY 1997 – REVISED JUNE 2001 45 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Table of Graphs FIGURE VIO Input offset voltage Distribution 6, 7, 8 αVIO Input offset voltage temperature coefficient Distribution 9, 10, 11 IIO Input offset current vs Free-air temperature 12 – 15 IIB Input bias current vs Free-air temperature 12 – 15 IIB Input bias current vs Supply voltage 16 VICR Common-mode input voltage range vs Free-air temperature 17 VID Differential input voltage vs Output voltage 18, 19 vs Output current 20, 21 VOM + Maximum positive peak output voltage vs Free-air temperature , 24, 25 OM + g vs Supply voltage 26 vs Output current 22, 23 VOM – Maximum negative peak output voltage vs Free-air temperature , 24, 25 OM gg vs Supply voltage 26 VO(PP) Maximum peak-to-peak output voltage vs Frequency 27 VO Output voltage vs Settling time 28 AVD Large signal differential voltage amplification vs Load resistance 29 AVD Large-signal differential voltage amplification vs Free-air temperature 30, 31 AVD Small-signal differential voltage amplification vs Frequency 32, 33 CMRR Common mode rejection ratio vs Frequency 34 CMRR Common-mode rejection ratio qy vs Free-air temperature 35 kSVR Supply voltage rejection ratio vs Frequency 36 kSVR Supply-voltage rejection ratio qy vs Free-air temperature 37 vs Supply voltage 38, 39, 40 ICC Supply current yg vs Free-air temperature ,, 41, 42, 43 CC y vs Differential input voltage 44 – 49 vs Supply voltage 50 IOS Short-circuit output current yg vs Elapsed time 51 OS vs Free-air temperature 52 vs Free-air temperature 53, 54 SR Slew rate vs Load resistance , 55 vs Differential input voltage 56 Vn Equivalent input noise voltage vs Frequency 57 V Input referred noise voltage vs Noise bandwidth frequency 58 Vn Input-referred noise voltage qy Over a 10-second time interval 59 Third-octave spectral noise density vs Frequency bands 60 THD + N Total harmonic distortion plus noise vs Frequency 61, 62 B1 Unity-gain bandwidth vs Load capacitance 63 Gain bandwidth product vs Free-air temperature 64 Gain-bandwidth product vs Supply voltage 65 Gain margin vs Load capacitance 66 vs Free-air temperature 67 φm Phase margin vs Supply voltage 68 m g vs Load capacitance 69 Phase shift vs Frequency 32, 33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |