| Electronic Components Datasheet Search |
|
TLE2082IDRG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2082IDRG4 Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 79 page ![]() TLE208x, TLE208xA, TLE208xY EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS182B – FEBRUARY 1997 – REVISED JUNE 2001 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2081C electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLE2081C TLE2081AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 0.34 6 0.3 3 mV VIO Input offset voltage VIC = 0, VO = 0, Full range 8 5 mV αVIO Temperature coefficient of input offset voltage RS = 50 Ω Full range 3.2 29 3.2 29 µV/°C IIO Input offset current 25 °C 5 100 5 100 nA IIO Input offset current VIC = 0, VO = 0, Full range 1.4 1.4 nA IIB Input bias current IC , O , See Figure 4 25 °C 15 175 15 175 nA IIB Input bias current Full range 5 5 nA 5 5 5 5 25 °C 5 to 5 to 5 to 5 to VICR Common-mode input RS =50 Ω – 1 – 1.9 – 1 – 1.9 V VICR voltage range RS = 50 Ω 5 5 V Full range 5 to 5 to g – 0.9 – 0.9 IO = 200 µA 25 °C 3.8 4.1 3.8 4.1 IO = – 200 µA Full range 3.7 3.7 VOM Maximum positive peak IO = 2mA 25 °C 3.5 3.9 3.5 3.9 V VOM + output voltage swing IO = – 2 mA Full range 3.4 3.4 V IO = 20 mA 25 °C 1.5 2.3 1.5 2.3 IO = – 20 mA Full range 1.5 1.5 IO = 200 µA 25 °C – 3.5 – 4.2 – 3.5 – 4.2 IO = 200 µA Full range – 3.4 – 3.4 VOM Maximum negative peak IO =2mA 25 °C – 3.7 – 4.1 – 3.7 – 4.1 V VOM – g output voltage swing IO = 2 mA Full range – 3.6 – 3.6 V IO =20mA 25 °C – 1.5 – 2.4 – 1.5 – 2.4 IO = 20 mA Full range – 1.5 – 1.5 RL = 600 Ω 25 °C 80 91 80 91 RL = 600 Ω Full range 79 79 AVD Large-signal differential VO = ± 23 V RL =2kΩ 25 °C 90 100 90 100 dB AVD gg voltage amplification VO = ± 2.3 V RL = 2 kΩ Full range 89 89 dB RL =10kΩ 25 °C 95 106 95 106 RL = 10 kΩ Full range 94 94 ri Input resistance VIC = 0 25 °C 1012 1012 Ω ci Input capacitance VIC = 0, Common mode 25 °C 11 11 pF ci Input capacitance IC , See Figure 5 Differential 25 °C 2.5 2.5 pF zo Open-loop output impedance f = 1 MHz 25 °C 80 80 Ω CMRR Common-mode VIC = VICRmin, 25 °C 70 89 70 89 dB CMRR rejection ratio IC ICR , VO = 0, RS = 50 Ω Full range 68 68 dB kSVR Supply-voltage rejection VCC ± = ±5 V to ±15 V, 25 °C 82 99 82 99 dB kSVR yg j ratio( ∆VCC± /∆VIO) CC ± VO = 0, RS = 50 Ω Full range 80 80 dB † Full range is 0 °C to 70°C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |