Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2037IDRG4 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2037IDRG4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2037IDRG4 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLE2037IDRG4 Datasheet HTML 19Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 20Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 21Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 22Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 23Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 24Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 25Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 26Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
23
www.ti.com
TYPICAL CHARACTERISTICS
Figure 25
−75
30
TA − Free-Air Temperature − °C
150
60
−50 −25
0
25
50
75 100 125
40
50
VCC ± = ± 15 V
RL = 2 kΩ
RL = 1 kΩ
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION†
vs
FREE-AIR TEMPERATURE
OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 26
10
−100
f − Frequency − Hz
100 M
100
100
1 k
10 k 100 k
1 M
10 M
−10
1
10
AVD = 100
See Note A
AVD = 10
VCC ± = ± 15 V
TA = 25°C
NOTE A: For this curve, the TLE2027 is AVD = 1 and the
TLE2037 is AVD = 5.
10
0
f − Frequency − Hz
100 M
140
100
1 k
10 k 100 k
1 M
10 M
20
40
60
80
100
120
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
TA = 25°C
VCC ± = ± 15 V
Figure 27
10
0
f − Frequency − Hz
100 M
140
100
1 k
10 k 100 k
1 M
10 M
20
40
60
80
100
120
kSVR−
kSVR+
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
TA = 25°C
VCC ± = ± 15 V
Figure 28
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com