Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2037IDRG4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2037IDRG4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2037IDRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLE2037IDRG4 Datasheet HTML 8Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 9Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 10Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 11Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 12Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 13Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 14Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 15Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
12
www.ti.com
TLE20x7Y electrical characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLE20x7Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
20
μV
Input offset voltage
long-term drift (see Note 4)
VIC = 0,
RS = 50 Ω
0.006
μV/mo
IIO
Input offset current
VIC = 0,
RS = 50 Ω
6
nA
IIB
Input bias current
15
nA
VICR
Common-mode input voltage range
RS = 50 Ω
−13
to
13
V
V
Maximum positive peak output voltage swing
RL = 600 Ω
12.9
V
VOM +
Maximum positive peak output voltage swing
RL = 2 kΩ
13.2
V
V
Maximum negative peak output voltage swing
RL = 600 Ω
−13
V
VOM −
Maximum negative peak output voltage swing
RL = 2 kΩ
−13.5
V
VO = ±11 V, RL = 2 kΩ
45
AVD
Large-signal differential voltage amplification
VO = ±10 V, RL = 1 kΩ
38
V/μV
AVD
Large-signal differential voltage amplification
VO = ±10 V,
RL = 600 Ω
19
V/μV
Ci
Input capacitance
8
pF
zo
Open-loop output impedance
IO = 0
50
Ω
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
131
dB
kSVR
Supply-voltage rejection ratio (
ΔVCC± /ΔVIO)
VCC± = ±4 V to ±18 V,
RS = 50 Ω
144
dB
ICC
Supply current
VO = 0,
No load
3.8
mA
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com