Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLMS6802 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLMS6802
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS6802 Datasheet(HTML) 2 Page - International Rectifier

  IRLMS6802 Datasheet HTML 1Page - International Rectifier IRLMS6802 Datasheet HTML 2Page - International Rectifier IRLMS6802 Datasheet HTML 3Page - International Rectifier IRLMS6802 Datasheet HTML 4Page - International Rectifier IRLMS6802 Datasheet HTML 5Page - International Rectifier IRLMS6802 Datasheet HTML 6Page - International Rectifier IRLMS6802 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRLMS6802
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.005 –––
V/°C
Reference to 25°C, ID = -1mA
–––
––– 0.050
VGS = -4.5V, ID = -5.1A
‚
–––
––– 0.100
VGS = -2.5V, ID = -3.4A
‚
VGS(th)
Gate Threshold Voltage
-0.60 –––
-1.2
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
1.5
–––
–––
S
VDS = -10V, ID = -0.80A
–––
–––
-1.0
VDS = -16V, VGS = 0V
–––
–––
-25
VDS = -16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -12V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 12V
Qg
Total Gate Charge
–––
11
16
ID = -4.5A
Qgs
Gate-to-Source Charge
–––
2.2
3.3
nC
VDS = -10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.9
4.3
VGS = -5.0V
‚
td(on)
Turn-On Delay Time
–––
12
–––
VDD = -10V
tr
Rise Time
–––
33
–––
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
70
–––
RG = 6.0Ω
tf
Fall Time
–––
72
–––
RD = 10Ω
‚
Ciss
Input Capacitance
––– 1079 –––
VGS = 0V
Coss
Output Capacitance
–––
220
–––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
–––
152
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.2
V
TJ = 25°C, IS = -1.6A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
74
110
ns
TJ = 25°C, IF = -3.0A
Qrr
Reverse Recovery Charge
–––
45
67
nC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
A
-45
–––
–––
–––
-2.0
–––
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Surface mounted on FR-4 board, t ≤ 5sec.
„ Starting T
J = 25°C, L = 6.8mH
RG = 25Ω, IAS = -3.0A. (See Figure 12)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com