Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLMS6802 Datasheet(PDF) 7 Page - International Rectifier

Part # IRLMS6802
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS6802 Datasheet(HTML) 7 Page - International Rectifier

  IRLMS6802 Datasheet HTML 1Page - International Rectifier IRLMS6802 Datasheet HTML 2Page - International Rectifier IRLMS6802 Datasheet HTML 3Page - International Rectifier IRLMS6802 Datasheet HTML 4Page - International Rectifier IRLMS6802 Datasheet HTML 5Page - International Rectifier IRLMS6802 Datasheet HTML 6Page - International Rectifier IRLMS6802 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IRLMS6802
www.irf.com
7
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 01/03
This product has been designed and qualified for the consumer market.
Qualification Standards can be found on IR’s Web site.
Micro6 Part Marking Information
WW = (1-26) IF PRECEDED BY L AST DIGIT OF CALENDAR YEAR
01
02
03
04
24
W
YEAR
Y
A
2001
1
B
2002
2
C
2003
3
D
2004
4
X
1999
0
WW = (27-52) IF PRECEDED BY A LETT ER
WEEK
27
28
29
30
50
W
YEAR
A
2001
A
B
2002
B
C
2003
C
D
2004
D
X
J
2005
1996
1997
1998
1999
2000
E
F
G
H
K
Y
2005
1996
1997
1998
2000
9
8
7
6
5
PART NUMBER
TOP
WORK
WEEK
WORK
2A = IRLMS 1902
PART NUMBER CODE REFERENCE:
25
Y
51
Y
26
Z
2B = IRLMS 1503
2C = IRLMS 6702
2D = IRLMS 5703
2E = IRLMS 6802
2G = IRLMS 2002
2F = IRL MS 4502
DATE
CODE
DAT E CODE EXAMPLES:
YWW = 9603 = 6C
YWW = 9632 = FF
WAFER L OT
NUMBER CODE
BOT TOM
EXAMPLE: THIS IS AN IRLMS6702
Notes: T his part marking information applies to devices produced before 02/26/2001
2H = IRLMS 6803
Notes: T his part marking information applies to devices produced after 02/26/2001
2000
1998
1997
1996
2005
2000
1999
1998
1997
1996
2005
2004
2003
2002
2001
YEAR
W = (27-52) IF PRECEDED BY A LET TER
1999
2004
2003
2002
2001
YEAR
W = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR
PART NUMBER
TOP
LOT
W = WEEK
Y = YEAR
CODE
PART NUMBER CODE REFERENCE:
G = IRLMS 2002
E = IRLMS 6802
F = IRLMS 4502
D = IRLMS 5703
C = IRLMS 6702
B = IRLMS 1503
A = IRLMS 1902
H = IRLMS 6803
7
WORK
WEEK
202
Y
101
5
3
4
6
03
04
B
W
A
C
D
0
9
8
24
25
26
X
Y
Z
BB
28
WORK
WEEK
Y
A27
W
A
H
E
D
C
F
G
30
29
K
J
50
52
51
D
C
X
Z
Y



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com