Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2374MPWREP Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2374MPWREP
Description   FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2374MPWREP Datasheet(HTML) 5 Page - Texas Instruments

  TLV2374MPWREP Datasheet HTML 1Page - Texas Instruments TLV2374MPWREP Datasheet HTML 2Page - Texas Instruments TLV2374MPWREP Datasheet HTML 3Page - Texas Instruments TLV2374MPWREP Datasheet HTML 4Page - Texas Instruments TLV2374MPWREP Datasheet HTML 5Page - Texas Instruments TLV2374MPWREP Datasheet HTML 6Page - Texas Instruments TLV2374MPWREP Datasheet HTML 7Page - Texas Instruments TLV2374MPWREP Datasheet HTML 8Page - Texas Instruments TLV2374MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TLV2371EP, TLV2372EP, TLV2374EP
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
SGLS306A − APRIL 2005 − REVISED APRIL 2006
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V, and 15 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = VDD/2,
VO = VDD/2,
25
°C
2
4.5
mV
VIO
Input offset voltage
VIC = VDD/2,
RS = 50 Ω
VO = VDD/2,
Full range
6
mV
VIO
Offset voltage drift
RS = 50 Ω
25
°C
2
V/
°C
αVIO
Offset voltage drift
RS = 50
25
°C
2
µV/°C
VIC = 0 to VDD,
25
°C
50
68
VIC = 0 to VDD,
RS = 50 Ω
VDD = 2.7 V
Full range
47
VIC = 0 to VDD−1.35 V,
VDD = 2.7 V
25
°C
53
70
VIC = 0 to VDD−1.35 V,
RS = 50 Ω
Full range
50
VIC = 0 to VDD,
25
°C
55
72
CMRR
Common-mode rejection ratio
VIC = 0 to VDD,
RS = 50 Ω,
VDD = 5 V
Full range
54
dB
CMRR
Common-mode rejection ratio
VIC = 0 to VDD−1.35 V,
VDD = 5 V
25
°C
58
80
dB
VIC = 0 to VDD−1.35 V,
RS = 50 Ω,
Full range
54
VIC = 0 to VDD,
25
°C
64
82
VIC = 0 to VDD,
RS = 50 Ω,
VDD = 15 V
Full range
63
VIC = 0 to VDD−1.35 V,
VDD = 15 V
25
°C
67
84
VIC = 0 to VDD−1.35 V,
RS = 50 Ω,
Full range
66
VDD = 2.7 V
25
°C
95
106
VDD = 2.7 V
Full range
60
AVD
Large-signal differential voltage
VO(PP) = VDD/2,
VDD = 5 V
25
°C
80
110
dB
AVD
Large-signal differential voltage
amplification
VO(PP) = VDD/2,
RL = 10 kΩ
VDD = 5 V
Full range
78
dB
amplification
RL = 10 k
VDD = 15 V
25
°C
77
83
VDD = 15 V
Full range
73
input characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
IIO
Input offset current
25
°C
1
60
pA
IIO
Input offset current
VDD = 15 V,
VIC = VDD/2,
125
°C
1000
pA
IIB
Input bias current
VDD = 15 V,
VIC = VDD/2,
VO = VDD/2
25
°C
1
60
pA
IIB
Input bias current
VO = VDD/2
125
°C
1000
pA
ri(d)
Differential input resistance
25
°C
1000
G
Ω
CIC
Common-mode input capacitance
f = 21 kHz
25
°C
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com