Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2374MPWREP Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV2374MPWREP
Description   FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2374MPWREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2374MPWREP Datasheet HTML 8Page - Texas Instruments TLV2374MPWREP Datasheet HTML 9Page - Texas Instruments TLV2374MPWREP Datasheet HTML 10Page - Texas Instruments TLV2374MPWREP Datasheet HTML 11Page - Texas Instruments TLV2374MPWREP Datasheet HTML 12Page - Texas Instruments TLV2374MPWREP Datasheet HTML 13Page - Texas Instruments TLV2374MPWREP Datasheet HTML 14Page - Texas Instruments TLV2374MPWREP Datasheet HTML 15Page - Texas Instruments TLV2374MPWREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
TLV2371EP, TLV2372EP, TLV2374EP
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
SGLS306A − APRIL 2005 − REVISED APRIL 2006
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 25
24
6
8
10
12
14
16
VI
t − Time −
µs
VDD = 5 V
AV = 1
RL = 2 kΩ
CL = 10 pF
VI = 3 VPP
TA = 25°C
VO
4
3
2
1
0
0
1
2
3
INVERTING LARGE-SIGNAL RESPONSE
2
0
Figure 26
02
4
6
8
10
12
14
16
t − Time −
µs
INVERTING LARGE-SIGNAL RESPONSE
VDD = 15 V
AV = −1
RL = 2 kΩ
CL = 10 pF
VI = 9 Vpp
TA = 25°C
VO
VI
12
9
6
3
0
9
6
3
0
Figure 27
0
0.05
0.10
0
0.5 1 1.5 2
2.5 3
3.5 4 4.5
0
0.05
0.1
INVERTING SMALL-SIGNAL RESPONSE
VDD = 5 V
AV = −1
RL = 2 kΩ
CL = 10 pF
VI = 100 mVpp
TA = 25°C
VO
VI
t − Time −
µs
Figure 28
−140
−120
−100
−80
−60
−40
−20
0
10
100
1 k
10 k
100 k
CROSSTALK
vs
FREQUENCY
f − Frequency −Hz
VDD = 2.7, 5, & 15 V
VI = VDD/2
AV = 1
RL = 2 kΩ
TA = 25°C
Crosstalk in Shutdown
Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com