Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8551TLX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLX/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP8551TLX/NOPB Datasheet HTML 1Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 2Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 3Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 4Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 5Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 6Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 7Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 8Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
LP8551
www.ti.com
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
–0.3
24
VLDO
–0.3
6
Voltage on logic pins (PWM, EN, SCLK, SDA)
–0.3
6
V
Voltage on logic pin (FAULT)
–0.3
to VDDIO + 0.3
Voltage on analog pins (VDDIO, ISET, FSET)
–0.3
6
V (OUT1...OUT4, SW, FB)
–0.3
44
Continuous power dissipation(2)
Internally limited
Junction temperature (TJ-MAX)
125
°C
Maximum lead temperature (soldering)(3)
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 130°C (typ.).
(3)
For detailed soldering specifications and information, please refer to TI's AN-1112 (SNVA009): DSBGA Wafer Level Chip Scale
Package.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–2000
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
–1000
1000
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
(1) (2)
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage (VIN) (Figure 22)
5.5
22
Input voltage (VIN + VLDO)(Figure 25)
4.5
5.5
V
VDDIO
1.65
5
V(OUT1 to OUT4, SW, FB)
0
40
Junction temperature (TJ)
–30
125
°C
Ambient temperature (TA)
(3)
–30
85
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com