Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8551TLX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLX/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8551TLX/NOPB Datasheet HTML 5Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 6Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 7Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 8Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 9Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 10Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 11Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 12Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
LP8551
www.ti.com
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
7.11 I
2C Serial Bus Timing Parameters (SDA, SCLK)(1)
SYMBOL
PARAMETER
MIN
MAX
UNIT
ƒSCLK
Clock frequency
400
kHz
1
Hold time (repeated) START condition
0.6
μs
2
Clock low time
1.3
μs
3
Clock high time
600
ns
4
Setup time for a repeated START condition
600
ns
5
Data hold time
50
ns
6
Data setup time
100
ns
7
Rise time of SDA and SCL
20+0.1Cb
300
ns
8
Fall time of SDA and SCL
15+0.1Cb
300
ns
9
Setup time for STOP condition
600
ns
10
Bus free time between a STOP and a START condition
1.3
μs
Capacitive load parameter for each bus line
Cb
10
200
ns
Load of 1 pF corresponds to 1 ns.
(1)
Specified by design. VDDIO = 1.65 V to 5.5 V.
Figure 1. I2C Timing Parameters
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com