Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8720TLX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP8720TLX/NOPB
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8720TLX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP8720TLX/NOPB Datasheet HTML 1Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 2Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 3Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 4Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 5Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 6Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 7Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 8Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
POWER
ON
RESET
STANDBY
START UP
IDLE
SHUT
DOWN
LP8720
www.ti.com
SNVS575B – JULY 2008 – REVISED MAY 2013
LP8720 PIN DESCRIPTIONS(1) (continued)
Pin Number
Name
Type
Description
D3
DVS
DI
Dynamic Voltage Scaling.
When DVS=HI then Buck voltage set BUCK_V1 is in use.
When DVS=LO then Buck voltage set BUCK_V2 is in use.
Buck voltage set BUCK_V1 should be higher than Buck voltage set BUCK_V2.
If not in use then hard wire to VBATT or GND.
Device Description
Operation Modes
POWER-ON-RESET: After VBATT gets above POR higher threshold, the DEFSEL pin and IDSEL pin are read.
All internal registers of LP8720 then are reset to the default values; after that the LP8720 goes to
STANDBY mode. This process duration max is 500 µs.
STANDBY: In STANDBY mode only serial interface is working and all other PMU functions are disabled – PMU
is in low-power condition. In STANDBY mode the LP8720 can be (re)configured via Serial Interface.
STARTUP: STARTUP sequence is defined by registers contents. STARTUP sequence starts:
1) If rising edge on EN pin.
2) After cooling down from thermal shutdown event if EN = HI.
It is not recommended to write to LP8720 registers during startup. If doing so then current startup
sequence may become undefined.
IDLE: PMU will enter into IDLE mode (normal operating mode) after end of startup sequence. In IDLE mode all
LDO’s and BUCK can be enabled/disabled via Serial Interface. Also in IDLE mode LP8720 can be
(re)configured via Serial Interface.
SHUTDOWN: SHUTDOWN sequence is “reverse order of startup sequence,” and this is defined by registers
contents. SHUTDOWN starts:
1) If falling edge on EN pin.
2) If temperature exceeds thermal shutdown threshold TSD +160°C.
It is not recommended to write to LP8720 registers during SHUTDOWN. If doing so then current
SHUTDOWN sequence may become undefined.
Additional Functions
SLEEP: If sum of all LDOs' load currents and BUCK load current is no higher than 5 mA , the user can put PMU
to SLEEP. In SLEEP PMU GND current is minimized, and LDO’s and BUCK cannot be loaded with bigger
current.
There are 2 possibilities to use SLEEP:
1) Control via Serial Interface.
2) Control by DVS pin.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com