Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8720TLX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP8720TLX/NOPB
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8720TLX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8720TLX/NOPB Datasheet HTML 3Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 4Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 5Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 6Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 7Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 8Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 9Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 10Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LP8720
www.ti.com
SNVS575B – JULY 2008 – REVISED MAY 2013
Table 4. Register 0x00
EXT_DVS_CONTROL
1 – DVS pin control:
•
DVS = HI then BUCK_V1[4:0]
•
DVS = LO then BUCK_V2[4:0]
0 – Serial interface control:
•
DVS_V2/V1 = 1 then BUCK_V1[4:0]
•
DVS_V2/V1 = 0 then BUCK_V2[4:0]
EXT_SLEEP_CONTROL
1 – DVS-pin control:
•
DVS = HI then normal
•
DVS = LO then SLEEP
0 – Serial interface control:
•
SLEEP_MODE = 0 then normal
•
SLEEP_MODE = 1 then SLEEP
SHORT_TIMESTEP
1 – time step tS = 25 µs
0 – time step tS= 50 µs
By request time step 100 µs/200 µs is available.
Table 5. Registers 0x01 – 0x07
LDO1_V[4:0]
00000 – 1.20V
01000 – 1.60V
10000 – 2.10V
11000 – 2.75V
LDO2_V[4:0]
00001 – 1.25V
01001 – 1.65V
10001 – 2.20V
11001 – 2.80V
LDO3_V[4:0]
00010 – 1.30V
01010 – 1.70V
10010 – 2.30V
11010 – 2.85V
LDO5_V[4:0]
00011 – 1.35V
01011 – 1.75V
10011 – 2.40V
11011 – 2.90V
00100 – 1.40V
01100 – 1.80V
10100 – 2.50V
11100 – 2.95V
00101 – 1.45V
01101 – 1.85V
10101 – 2.60V
11101 – 3.00V
00110 – 1.50V
01110 – 1.90V
10110 – 2.65V
11110 – 3.10V
00111 – 1.55V
01111 – 2.00V
10111 – 2.70V
11111 – 3.30V
LDO4_V[4:0]
00000 – 0.80V
01000 – 1.35V
10000 – 1.75V
11000 – 2.40V
00001 – 0.85V
01001 – 1.40V
10001 – 1.80V
11001 – 2.50V
00010 – 0.90V
01010 – 1.45V
10010 – 1.85V
11010 – 2.60V
00011 – 1.00V
01011 – 1.50V
10011 – 1.90V
11011 – 2.65V
00100 – 1.10V
01100 – 1.55V
10100 – 2.00V
11100 – 2.70V
00101 – 1.20V
01101 – 1.60V
10101 – 2.10V
11101 – 2.75V
00110 – 1.25V
01110 – 1.65V
10110 – 2.20V
11110 – 2.80V
00111 – 1.30V
01111 – 1.70V
10111 – 2.30V
11111 – 2.85V
BUCK_V1[4:0] BUCK_V2[4:0]
0000
01000 – 1.15V
10000 – 1.55V
11000 – 1.95V
External resistor divider
01001 – 1.20V
10001 – 1.60V
11001 – 2.00V
00001 – 0.80V
01010 – 1.25V
10010 – 1.65V
11010 – 2.05V
00010 – 0.85V
01011 – 1.30V
10011 – 1.70V
11011 – 2.10V
00011 – 0.90V
01100 – 1.35V
10100 – 1.75V
11100 – 2.15V
00100 – 0.95V
01101 – 1.40V
10101 – 1.80V
11101 – 2.20V
00101 – 1.00V
01110 – 1.45V
10110 – 1.85V
11110 – 2.25V
00110 – 1.05V
01111 – 1.50V
10111 – 1.90V
11111 – 2.30V
00111 – 1.10V
BUCK_V1[4:0] should be higher (or equal) than BUCK_V2[4:0].
LDO1_T[2:0]
000 – startup delay 0
100 – startup delay = 4 * time step tS
LDO2_T[2:0]
001 – startup delay = 1 * time step tS
101 – startup delay = 5 * time step tS
LDO3_T[2:0]
010 – startup delay = 2 * time step tS
110 – startup delay = 6 * time step tS
LDO4_T[2:0]
011 – startup delay = 3 * time step tS
111 – NO startup
LDO5_T[2:0]
For proper startup operation “111 NO startup” should have corresponding bit in ENABLE_BITS register
BUCK_T[2:0]
0x08 set to 0 (disable).
FORCE_PWM
1 – Buck is forced to work in PWM mode
0 – Buck works in automatic PFM/PWM selection mode.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com