| Electronic Components Datasheet Search |
|
LP8725TLE-A/NOPB Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8725TLE-A/NOPB Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 46 page ![]() EN Buck 1 0 1 2 3 Buck 2 tBON tS START UP sequence Timing Code SHUT DOWN sequence is in reverse order of START UP sequence Timing Code Buck 1 0 1 2 3 Buck 2 LDO1 LDO1 LDO3 LDO3 START UP tS tS tS tS tS tS tS tS tS tS tS SHUT DOWN IDLE Note 4 LDO4 LDO4 LDO5 LDO5 LILO 2 LILO 2 LILO 1 LILO 1 4 5 6 6 5 4 LDO2 LDO2 EN Note 3 Note 3 Note 5 Note 3 Note 3 STANDBY STANDBY LP8725 SNVS618G – DECEMBER 2009 – REVISED MAY 2013 www.ti.com Figure 10. LP8725-B Startup and Shutdown Sequence if CONFIG=GND, DEFSEL=VIN1 or DEFSEL=GND Note 1, Note 2 All timing is typical. tBON 75 µs - Reference and bias turn ON. tS Programmable time steps. (Typically 64 µs/step.) Time step accuracy is defined by OSC frequency accuracy. Note 1 STARTUP and SHUT DOWN sequences are defined by registers. Sequences given here are valid if there the registers are not rewritten via Serial Interface. Note 2 The timing showed here define time points when LDOs and BUCK are enabled/disabled. Enabling /disabling process duration depends on voltages and loading conditions. Buck startup duration is typically 170 µs. LDO startup duration is typically 35 µs. For details please see LDOs and BUCK Electrical Specifications. Note 3 LDO2, 4, 5 and LILO1 are disabled. If they are enabled via Serial Interface and the startup sequence is not changed, then they will be disabled, with no delay, from falling edge of EN-pin. Note 4 At this time point registers are reset to POR default values. Note 5 LDO3 is enabled by LDO3_EN (or via serial interface). If this input is high when PWR_ON goes high then this output turns on after ts= 6. 14 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: LP8725 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |