Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8725TLE-A/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLE-A/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLE-A/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP8725TLE-A/NOPB Datasheet HTML 12Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 13Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 14Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 15Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 16Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 17Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 18Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 19Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
PWR_ON
Buck 1
0 1 2 3
Buck 2
tON
tS
Timing Code
Timing Code
START UP sequence
SHUT DOWN sequence
is in reverse order of START UP sequence
Buck 1
0
1
2
3
Buck 2
LDO1
LDO1
LDO3
LDO3
START UP
tS
tS
tS
tS
tS
tS
tS
tS
tS
tS
tS
SHUT DOWN
IDLE
Note 4
LDO4
LDO4
LDO5
LDO5
LILO 2
LILO 2
LILO 1
LILO 1
4 5 6
6 5 4
LDO2
LDO2
PWR_ON
PS_HOLD
PS_HOLD
tOFF
Note 3
Note 3
Note 3
Note 3
LP8725
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
www.ti.com
Figure 12. LP8725-D Startup and Shutdown Sequence if CONFIG=VIN1,
DEFSEL=VIN1 or DEFSEL=GND Note 1, Note 2
All timing is typical.
tON/OFF 30 ms typ. de-bounce times.
tS Programmable time steps. (Typically 64 µs/step.) Time step accuracy is defined by OSC frequency accuracy.
Note 1 STARTUP and SHUTDOWN sequences are defined by registers. Sequences given here are valid if there the
registers are not rewritten via Serial Interface.
Note 2 The timing showed here define time points when LDOs and BUCK are enabled/disabled. Enabling /disabling
process duration depends on voltages and loading conditions. Buck startup duration is typically 170 µs. LDO startup
duration is typically 35 µs. For details please see LDOs and BUCK Electrical Specifications.
Note 3 LDO1, 2, 4, 5 are disabled. If they are enabled via Serial Interface and the startup sequence is not changed,
then they will be disabled, with no delay, from falling edge of EN-pin.
Note 4 At this time point registers are reset to POR default values.
Note 5 LDO3 is enabled by LDO3_EN (or via serial interface). If this input is high when PWR_ON goes high then this
output turns on after ts= 6.
16
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com