Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC660 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LPC660
Description  LPC660 Low Power CMOS Quad Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPC660 Datasheet(HTML) 3 Page - Texas Instruments

  LPC660 Datasheet HTML 1Page - Texas Instruments LPC660 Datasheet HTML 2Page - Texas Instruments LPC660 Datasheet HTML 3Page - Texas Instruments LPC660 Datasheet HTML 4Page - Texas Instruments LPC660 Datasheet HTML 5Page - Texas Instruments LPC660 Datasheet HTML 6Page - Texas Instruments LPC660 Datasheet HTML 7Page - Texas Instruments LPC660 Datasheet HTML 8Page - Texas Instruments LPC660 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LPC660
www.ti.com
SNOS554D – MAY 1998 – REVISED MARCH 2013
DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = 0V, V
CM = 1.5V, VO = 2.5V, and RL > 1M unless otherwise specified.
LPC660AM
LPC660AI
LPC660I
Parameter
Conditions
Typ
LPC660AMJ/883
Units
Limit (1) (2)
Limit (1)
Limit (1)
Input Offset Voltage
1
3
3
6
mV
3.5
3.3
6.3
max
Input Offset Voltage
1.3
μV/°C
Average Drift
Input Bias Current
0.002
20
pA
100
4
4
max
Input Offset Current
0.001
20
pA
100
2
2
max
Input Resistance
>1
Tera
Ω
Common Mode Rejection
0V
≤ VCM ≤ 12.0V
83
70
70
63
dB
Ratio
V+ = 15V
68
68
61
min
Positive Power Supply
5V
≤ V+ ≤ 15V
83
70
70
63
dB
Rejection Ratio
68
68
61
min
Negative Power Supply
0V
≤ V− ≤ −10V
94
84
84
74
dB
Rejection Ratio
82
83
73
min
Input Common Mode
V+ = 5V & 15V
−0.4
−0.1
−0.1
−0.1
V
Voltage Range
For CMRR > 50 dB
0
0
0
max
V+
− 1.9
V+
− 2.3
V+
− 2.3
V+
− 2.3
V
V+
− 2.6
V+
− 2.5
V+
− 2.5
min
Large Signal
RL = 100 kΩ
(3)
1000
400
400
300
V/mV
Voltage Gain
Sourcing
250
300
200
min
Sinking
500
180
180
90
V/mV
70
120
70
min
RL = 5 kΩ
(3)
1000
200
200
100
V/mV
Sourcing
150
160
80
min
Sinking
250
100
100
50
V/mV
35
60
40
min
(1)
Limits are guaranteed by testing or correlation.
(2)
A military RETS electrical test specification is available on request. At the time of printing, the LPC660AMJ/883 RETS specification
complied fully with the boldface limits in this column. The LPC660AMJ/883 may also be procured to a Standard Military Drawing
specification.
(3)
V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LPC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com