Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC660 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LPC660
Description  LPC660 Low Power CMOS Quad Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPC660 Datasheet(HTML) 5 Page - Texas Instruments

  LPC660 Datasheet HTML 1Page - Texas Instruments LPC660 Datasheet HTML 2Page - Texas Instruments LPC660 Datasheet HTML 3Page - Texas Instruments LPC660 Datasheet HTML 4Page - Texas Instruments LPC660 Datasheet HTML 5Page - Texas Instruments LPC660 Datasheet HTML 6Page - Texas Instruments LPC660 Datasheet HTML 7Page - Texas Instruments LPC660 Datasheet HTML 8Page - Texas Instruments LPC660 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LPC660
www.ti.com
SNOS554D – MAY 1998 – REVISED MARCH 2013
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = 0V, V
CM = 1.5V, VO = 2.5, and RL > 1M unless otherwise specified.
LPC660AM
LPC660AI
LPC660I
Parameter
Conditions
Typ
LPC660AMJ/883
Units
Limit (1) (2)
Limit (1)
Limit (1)
Slew Rate
(3)
0.11
0.07
0.07
0.05
V/
μs
0.04
0.05
0.03
min
Gain-Bandwidth Product
0.35
MHz
Phase Margin
50
Deg
Gain Margin
17
dB
Amp-to-Amp Isolation
(4)
130
dB
Input Referred Voltage Noise
F = 1 kHz
42
nV/
√Hz
Input Referred Current Noise
F = 1 kHz
0.0002
pA/
√Hz
Total Harmonic Distortion
F = 1 kHz, AV = −10
0.01
%
RL = 100 kΩ, VO = 8 VPP
(1)
Limits are guaranteed by testing or correlation.
(2)
A military RETS electrical test specification is available on request. At the time of printing, the LPC660AMJ/883 RETS specification
complied fully with the boldface limits in this column. The LPC660AMJ/883 may also be procured to a Standard Military Drawing
specification.
(3)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
(4)
Input referred. V+ = 15V and RL = 100 kΩ connected to V
+/2. Each amp excited in turn with 1 kHz to produce V
O = 13 VPP.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LPC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com