Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2434CPWR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2434CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2434CPWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV2434CPWR Datasheet HTML 13Page - Texas Instruments TLV2434CPWR Datasheet HTML 14Page - Texas Instruments TLV2434CPWR Datasheet HTML 15Page - Texas Instruments TLV2434CPWR Datasheet HTML 16Page - Texas Instruments TLV2434CPWR Datasheet HTML 17Page - Texas Instruments TLV2434CPWR Datasheet HTML 18Page - Texas Instruments TLV2434CPWR Datasheet HTML 19Page - Texas Instruments TLV2434CPWR Datasheet HTML 20Page - Texas Instruments TLV2434CPWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
TLV2432, TLV2432A, TLV2434, TLV2434A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS168F – NOVEMBER 1996 – REVISED MARCH 2001
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
VO = VDD/2
VIC = VDD/2
TA = 25°C
0
–5
–15
–20
2
3
456
7
10
15
20
89
10
5
–10
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
Figure 15
0
–5
–15
–20
–75
–50
–25
0
25
50
10
15
20
75
100
125
5
–10
VID = –100 mV
VID = 100 mV
VDD = 5 V
VIC = 2.5 V
VO = 2.5 V
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
Figure 16
VO – Output Voltage – V
VDD = 3 V
RL = 2 kΩ
VIC = 1.5 V
TA = 25°C
0
–250
–500
–1000
0
0.5
1
1.5
500
750
DIFFERENTIAL INPUT VOLTAGE
vs
OUTPUT VOLTAGE
1000
2
2.5
3
250
–750
Figure 17
VDD = 5 V
VIC = 2.5 V
RL = 2 kΩ
TA = 25°C
0
–250
–750
–1000
01
2
3
500
750
DIFFERENTIAL INPUT VOLTAGE
vs
OUTPUT VOLTAGE
1000
45
VO – Output Voltage – V
250
–500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com