Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2434CPWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2434CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2434CPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV2434CPWR Datasheet HTML 18Page - Texas Instruments TLV2434CPWR Datasheet HTML 19Page - Texas Instruments TLV2434CPWR Datasheet HTML 20Page - Texas Instruments TLV2434CPWR Datasheet HTML 21Page - Texas Instruments TLV2434CPWR Datasheet HTML 22Page - Texas Instruments TLV2434CPWR Datasheet HTML 23Page - Texas Instruments TLV2434CPWR Datasheet HTML 24Page - Texas Instruments TLV2434CPWR Datasheet HTML 25Page - Texas Instruments TLV2434CPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
TLV2432, TLV2432A, TLV2434, TLV2434A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS168F – NOVEMBER 1996 – REVISED MARCH 2001
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 31
101
SR +
VDD = 3 V
AV = – 1
TA = 25°C
SR –
0.4
0.3
0.2
0
0.6
0.1
0.5
SLEW RATE
vs
LOAD CAPACITANCE
CL – Load Capacitance – pF
102
103
104
105
Figure 32
TA – Free-Air Temperature – °C
SLEW RATE
vs
FREE-AIR TEMPERATURE
0.25
0.2
0.15
0.1
0.35
– 75
– 50
– 25
0
25
50
75
100
125
0.3
VDD = 5 V
RL = 2 kΩ
CL = 100 pF
AV = 1
Figure 33
1.5
1
0.5
0
010
20
30
2
2.5
3
40
50
INVERTING LARGE-SIGNAL PULSE
RESPONSE
VDD = 3 V
RL = 2 kΩ
CL = 100 pF
AV = – 1
TA = 25°C
t – Time –
µs
Figure 34
INVERTING LARGE-SIGNAL PULSE
RESPONSE
VDD = 5 V
RL = 2 kΩ
CL = 100 pF
AV = – 1
TA = 25°C
t – Time –
µs
2
1
0
010
20
30
3
4
5
40
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com