Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT33CT Datasheet(PDF) 31 Page - PerkinElmer Optoelectronics

Part # VT33CT
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT33CT Datasheet(HTML) 31 Page - PerkinElmer Optoelectronics

Back Button VT33CT Datasheet HTML 27Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 28Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 29Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 30Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 31Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 32Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 33Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 34Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 35Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
26
Application Notes—Photoconductive Cells
APPLICATION NOTE #7
How to Specify a Low Cost Photocell
Sometimes the demands of the application such as power dissipation,
“on” resistance, voltage, temperature coefficient, etc. limit the selection
of the photocell to one particular device. However, more common is the
case where any number of photocell types can be used, especially if
minor changes are undertaken at an early enough point in the circuit
design. In these cases, price is often the deciding factor.
Many factors influence price. In order to give some guidance and
weight to these factors the reader is referred to the following table
which is meant to serve as a general guide.
Lower Cost
Factor
Higher Cost
Plastic
Packaging
Glass/Metal
Broad
Resistance Range
Narrow
Small
Package Size
Large
Open Order with
Scheduled Releases
Scheduling
Released Orders
Standard Tests
Testing
Special Tests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com