Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT33CT Datasheet(PDF) 50 Page - PerkinElmer Optoelectronics

Part # VT33CT
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT33CT Datasheet(HTML) 50 Page - PerkinElmer Optoelectronics

Back Button VT33CT Datasheet HTML 46Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 47Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 48Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 49Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 50Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 51Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 52Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 53Page - PerkinElmer Optoelectronics VT33CT Datasheet HTML 54Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 76 page
background image
45
Low Cost Axial Vactrols
VTL5C3, 5C4
PACKAGE DIMENSIONS INCH (MM)
PLASTIC POTTING CONTOUR
NOT CONTROLLED
DESCRIPTION
VTL5C3 has a steep slope, good dynamic range, a very low temperature coefficient of resistance, and a small light history memory.
VTL5C4 features a very low “on” resistance, fast response time, with a smaller temperature coefficient of resistance than VTL5C1.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Maximum Temperatures
Storage and Operating:
–40°C to 75°C
Cell Power:
175 mW
Derate above 30°C:
3.9 mW/°C
LED Current:
40 mA
Derate above 30°C:
0.9 mA/°C
LED Reverse Breakdown Voltage:
3.0 V
1
LED Forward Voltage Drop @ 20 mA:
2.0V (1.65V Typ.)
Min. Isolation Voltage @ 70% Rel. Humidity: 2500 VRMS
Output Cell Capacitance:
5.0 pF
Cell Voltage:
250V (VTL5C3),
50V (VTL5C4)
Input - Output Coupling Capacitance:
0.5 pF
ELECTRO-OPTICAL CHARCTERISTICS @ 25°C
Refer to Specification Notes, page 41.
Part
Number
Material
Type
ON Resistance
OFF
Resistance
@ 10 sec. (Min.)
Slope
(Typ.)
Dynamic Range
(Typ.)
Response Time
Input current
Dark
Adapted
(Typ.)
Turn-on to
63% Final RON
(Typ.)
Turn-off (Decay)
to 100 k
Ω
(Max.)
VTL5C3
3
1 mA
10 mA
40 mA
30 k
Ω
5
Ω
1.5
Ω
10 M
Ω
20
75 db
2.5 ms
35 ms
VTL5C4
4
1 mA
10 mA
40 mA
1.2 k
Ω
125
Ω
75
Ω
400 M
Ω
18.7
72 db
6.0 ms
1.5 sec
2
3
R@ 0.5 mA
R@ 5 mA
-------------------------
R
DARK
R@ 20 mA
------------------------
4
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com