Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV274CPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV274CPWR
Description  OPERATIONAL AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV274CPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV274CPWR Datasheet HTML 3Page - Texas Instruments TLV274CPWR Datasheet HTML 4Page - Texas Instruments TLV274CPWR Datasheet HTML 5Page - Texas Instruments TLV274CPWR Datasheet HTML 6Page - Texas Instruments TLV274CPWR Datasheet HTML 7Page - Texas Instruments TLV274CPWR Datasheet HTML 8Page - Texas Instruments TLV274CPWR Datasheet HTML 9Page - Texas Instruments TLV274CPWR Datasheet HTML 10Page - Texas Instruments TLV274CPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
7
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V, and ±5 V (unless
otherwise noted) (continued)
power supply
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VDD = 2.7 V
25
°C
470
560
IDD
Supply current (per channel)
VO = VDD/2
VDD = 5 V
25
°C
550
660
µA
IDD
Supply current (per channel)
VO = VDD/2
VDD = 10 V
25
°C
625
800
µA
VDD = 10 V
Full range
1000
PSRR
Supply voltage rejection ratio
VDD = 2.7 V to 16 V,
VIC = VDD /2,
25
°C
70
80
dB
PSRR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 2.7 V to 16 V,
No load
VIC = VDD /2,
Full range
65
dB
† Full range is 0°C to 70°C for C suffix and full range is −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.
dynamic performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
UGBW
Unity gain bandwidth
RL = 2 kΩ
CL = 10 pF
VDD = 2.7 V
25
°C
2.4
MHz
UGBW
Unity gain bandwidth
RL = 2 kΩ,
CL = 10 pF
VDD = 5 V to 10 V
25
°C
3
MHz
VDD = 2.7 V
25
°C
1.35
2.1
V/ s
VDD = 2.7 V
Full range
1
V/
µs
SR
Slew rate at unity gain
VO(PP) = VDD/2,
VDD = 5 V
25
°C
1.45
2.4
V/ s
SR
Slew rate at unity gain
VO(PP) = VDD/2,
CL = 50 pF, RL = 10 kΩ,
VDD = 5 V
Full range
1.2
V/
µs
CL = 50 pF, RL = 10 k ,
VDD = ±5 V
25
°C
1.8
2.6
V/ s
VDD = ±5 V
Full range
1.3
V/
µs
φm
Phase margin
RL = 2 kΩ
CL = 10 pF
25
°C
65
°
Gain margin
RL = 2 kΩ
CL = 10 pF
25
°C
18
dB
ts
Settling time
VDD = 2.7 V,
V(STEP)PP = 1 V, AV = −1,
CL = 10 pF,
RL = 2 kΩ
0.1%
25
°C
2.9
s
ts
Settling time
VDD = 5 V, ±5 V,
V(STEP)PP = 1 V, AV = −1,
CL = 47 pF,
RL = 2 kΩ
0.1%
25
°C
2
µs
† Full range is 0°C to 70°C for C suffix and full range is −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.
noise/distortion performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VDD = 2.7 V,
AV = 1
0.02%
VDD = 2.7 V,
VO(PP) = VDD/2 V,
R = 2 k , f = 10 kHz
AV = 10
25
°C
0.05%
THD + N
Total harmonic distortion plus noise
VO(PP) = VDD/2 V,
RL = 2 kΩ, f = 10 kHz
AV = 100
25 C
0.18%
THD + N
Total harmonic distortion plus noise
VDD = 5 V, ±5 V,
AV = 1
0.02%
VDD = 5 V, ±5 V,
VO(PP) = VDD/2 V,
R = 2 k , f = 10K
AV = 10
25
°C
0.09%
VO(PP) = VDD/2 V,
RL = 2 kΩ, f = 10K
AV = 100
25 C
0.50%
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
39
nV/
√Hz
Vn
Equivalent input noise voltage
f = 10 kHz
25
°C
35
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.6
fA /
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com