Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV274CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV274CPWR
Description  OPERATIONAL AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV274CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLV274CPWR Datasheet HTML 1Page - Texas Instruments TLV274CPWR Datasheet HTML 2Page - Texas Instruments TLV274CPWR Datasheet HTML 3Page - Texas Instruments TLV274CPWR Datasheet HTML 4Page - Texas Instruments TLV274CPWR Datasheet HTML 5Page - Texas Instruments TLV274CPWR Datasheet HTML 6Page - Texas Instruments TLV274CPWR Datasheet HTML 7Page - Texas Instruments TLV274CPWR Datasheet HTML 8Page - Texas Instruments TLV274CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
1
WWW.TI.COM
D Rail-To-Rail Output
D Wide Bandwidth ...3 MHz
D High Slew Rate ...2 .4 V/µs
D Supply Voltage Range . . . 2.7 V to 16 V
D Supply Current . . . 550 µA/Channel
D Input Noise Voltage . . . 39 nV/√Hz
D Input Bias Current...1 pA
D Specified Temperature Range
0
°C to 70°C . . . Commercial Grade
−40
°C to 125°C . . . Industrial Grade
D Ultrasmall Packaging
− 5 Pin SOT-23 (TLV271)
− 8 Pin MSOP (TLV272)
D Ideal Upgrade for TLC27x Family
description
The TLV27x takes the minimum operating supply voltage down to 2.7 V over the extended industrial
temperature range while adding the rail-to-rail output swing feature. This makes it an ideal alternative to the
TLC27x family for applications where rail-to-rail output swings are essential. The TLV27x also provides 3-MHz
bandwidth from only 550
µA.
Like the TLC27x, the TLV27x is fully specified for 5-V and
±5-V supplies. The maximum recommended supply
voltage is 16 V, which allows the devices to be operated from a variety of rechargeable cells (
±8 V supplies down
to
±1.35 V).
The CMOS inputs enable use in high-impedance sensor interfaces, with the lower voltage operation making
an attractive alternative for the TLC27x in battery-powered applications.
All members are available in PDIP and SOIC with the singles in the small SOT-23 package, duals in the MSOP,
and quads in the TSSOP package.
The 2.7-V operation makes it compatible with Li-Ion powered systems and the operating supply voltage range
of many micropower microcontrollers available today including TI’s MSP430.
SELECTION OF SIGNAL AMPLIFIER PRODUCTS†
DEVICE
VDD (V)
VIO
(
µV)
Iq/Ch
(
µA)
IIB (pA)
GBW
(MHz)
SR
(V/
µs)
SHUTDOWN
RAIL-
TO-
RAIL
SINGLES/DUALS/QUADS
TLV27x
2.7−16
500
550
1
3
2.4
—
O
S/D/Q
TLC27x
3−16
1100
675
1
1.7
3.6
—
—
S/D/Q
TLV237x
2.7−16
500
550
1
3
2.4
Yes
I/O
S/D/Q
TLC227x
4−16
300
1100
1
2.2
3.6
—
O
D/Q
TLV246x
2.7−6
150
550
1300
6.4
1.6
Yes
I/O
S/D/Q
TLV247x
2.7−6
250
600
2
2.8
1.5
Yes
I/O
S/D/Q
TLV244x
2.7−10
300
725
1
1.8
1.4
—
O
D/Q
† Typical values measured at 5 V, 25°C
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001−2004, Texas Instruments Incorporated
Operational Amplifier
+
−


Similar Part No. - TLV274CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV274CPWR TI1-TLV274CPWR Datasheet
1Mb / 34P
FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV274CPWRG4 TI1-TLV274CPWRG4 Datasheet
1Mb / 34P
FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV274CPWR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UM605B UTC-UM605B_15 Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com