Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV521 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV521 Datasheet HTML 2Page - Texas Instruments TLV521 Datasheet HTML 3Page - Texas Instruments TLV521 Datasheet HTML 4Page - Texas Instruments TLV521 Datasheet HTML 5Page - Texas Instruments TLV521 Datasheet HTML 6Page - Texas Instruments TLV521 Datasheet HTML 7Page - Texas Instruments TLV521 Datasheet HTML 8Page - Texas Instruments TLV521 Datasheet HTML 9Page - Texas Instruments TLV521 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
VS (V)
150
100
50
0
-50
-100
-150
1
2
3
4
5
6
VCM = VS - 0.3 V
125°C
85°C
25°C
-40°C
VS (V)
150
100
50
0
-50
-100
-150
1
2
3
4
5
6
VCM = 0.3 V
125°C
85°C
25°C
-40°C
0
2
4
6
8
10
12
14
16
18
20
VS = 3.3V
TA = 25
oC
VCM = VS/2
-1.0
VOS (mV)
-0.8 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8 1.0
VCM (V)
150
100
50
0
-50
-100
-150
-0.1
0.4
0.9
1.4
1.9
2.4
2.9
3.4
VS = 3.3 V
125°C
85°C
25°C
-40°C
SUPPLY VOLTAGE (V)
800
700
600
500
400
300
200
100
0
1
2
3
4
5
6
125°C
85°C
25°C
-40°C
VCM = 0.3 V
SUPPLY VOLTAGE (V)
800
700
600
500
400
300
200
100
0
1
2
3
4
5
6
125°C
85°C
25°C
-40°C
VCM = VS ± 0.3 V
6
TLV521
SNOSD26 – MAY 2016
www.ti.com
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Typical Characteristics
At TJ = 25°C, unless otherwise specified.
Figure 1. Supply Current vs. Supply Voltage
Figure 2. Supply Current vs. Supply Voltage
Figure 3. Offset Voltage Distribution
Figure 4. Input Offset Voltage vs. Input Common Mode
Figure 5. Input Offset Voltage vs. Supply Voltage
Figure 6. Input Offset Voltage vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com