Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABBTM-NVC-MDCS56 Datasheet(PDF) 7 Page - Abracon Corporation

Part # ABBTM-NVC-MDCS56
Description  Bluetooth Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABBTM-NVC-MDCS56 Datasheet(HTML) 7 Page - Abracon Corporation

Back Button ABBTM-NVC-MDCS56 Datasheet HTML 3Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 4Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 5Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 6Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 7Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 8Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 9Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 10Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 11Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Bluetooth Module
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
|| | | | | | | | | | | | | |
Pb RoHS/RoHS II compliant
Resistive
16
OC
Ω
Revised: 08.14.13
ABBTM-NVC-MDCS56
23.24 x 11.93 x 2.05 mm SMT
PCM Interface
SPDIF Interface
I2S Interface
PCM_OUT
SPDIF_OUT
SD_OUT
PCM_IN
SPDIF_IN
SD_IN
PCM_SYNC
WS
PCM_CLK
SCK
Table 1. Alternative Functions of the digital Audio Bus Interface on the PCM Interface
PCM
The audio pulse code modulation (PCM) interface supports continuous transmission and reception of PCM encoded
audio data over Bluetooth.
Hardware on ABBTM-NVC-MDCS56 allows the data to be sent to and received from a SCO connection. Up to three
SCO connections can be supported by the PCM interface at any one time.
ABBTM-NVC-MDCS56 can operate as the PCM interface master generating PCM_SYNC and PCM_CLK or as a PCM
interface slave accepting externally generated PCM_SYNC and PCM_CLK.
ABBTM-NVC-MDCS56 is compatible with a variety of clock formats, including Long Frame Sync, Short Frame Sync
and GCI timing environments.
It supports 13-bit or 16-bit linear, 8-bit u-law or A-law companded sample formats and can receive and transmit on any
selection of three of the first four slots following PCM_SYNC.
ABBTM-NVC-MDCS56 interfaces directly to PCM audio devices including the following:
•
Qualcomm MSM 3000 series and MSM 5000 series CDMA baseband devices
•
OKI MSM7705 four channel A-law and μ-law CODEC
•
Motorola MC145481 8-bit A-law and μ-law CODEC
•
Motorola MC145483 13-bit linear CODEC
•
STW 5093 and 5094 14-bit linear CODECs(8)
•
ABBTM-NVC-MDCS56 is also compatible with the Motorola SSI interface
The interface for the digital audio bus shares the same pins as the PCM codec interface described in Table 1 below,which
means each of the audio buses are mutually exclusive in their usage. Table 1 lists these alternative functions.
The audio input circuitry consists of a dual audio input that can be configured to be either single-ended or fully differential
and programmed for either microphone or line input. It has an analogue and digital programmable gain stage for optimization
of different microphones.
The audio output circuitry consists of a dual differential class A-B output stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com