Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABBTM-NVC-MDCS56 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABBTM-NVC-MDCS56
Description  Bluetooth Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABBTM-NVC-MDCS56 Datasheet(HTML) 2 Page - Abracon Corporation

  ABBTM-NVC-MDCS56 Datasheet HTML 1Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 2Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 3Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 4Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 5Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 6Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 7Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 8Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Bluetooth Module
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
|| | | | | | | | | | | | | |
Pb RoHS/RoHS II compliant
PIN DESCRIPTION
Revised: 08.14.13
ABBTM-NVC-MDCS56
23.24 x 11.93 x 2.05 mm SMT
Pin
Symbol
I/O Type
Description
6
SPI_CSB
CMOS input with weak internal pull-up
Chip select for Synchronous Serial Interface for
programming only, active low
7
PIO3
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
8
PIO11
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
9
PCM_OUT
CMOS output, tri-state, with weak
internal pull-down
Synchronous Data Output
10
MIC_RP
Analogue
Microphone input positive, right
11
MIC_RN
Analogue
Microphone input negative, right
12
PIO0
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
13
PIO1
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
14
PCM_IN
CMOS Input, with weak internal pull-
down
Synchronous Data Input
15
GND
Ground
Ground
16
PCM_SYNC
Bi-directional with weak internal pull-
down
Synchronous Data Sync
17
RF_GND
RF Ground
RF ground
18
RF_IN
RF
RF Transceiver input/output line
19
RF_GND
RF Ground
RF ground
20
PCM_CLK
Bi-directional with weak internal pull-
down
Synchronous Data Clock
21
AIO1
Bi-directional
Analogue programmable input/output line
22
GND
Ground
Ground
23
MIC_LP
Analogue
Microphone input positive, left
24
MIC_LN
Analogue
Microphone input negative, right
25
SPK_LN
Analogue
Speaker output negative, left
26
SPK_LP
Analogue
Speaker output positive, left
27
SPK_RN
Analogue
Speaker output negative, right
28
SPK_RP
Analogue
Speaker output positive, right
29
AIO0
Bi-directional
Analogue programmable input/output line
30
VDD
3V3 power input
3V3 power input
31
USB_DP
Bi-directional
USB data plus with selectable internal 1.5K pull
up resistor
32
USB_DN
Bi-directional
USB data minus
33
GND
Ground
Ground
34
PIO14
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
35
PIO9
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
36
PIO4
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
37
GND
Ground
Ground
38
UART_TX
Bi-directional CMOS output, tri-state,
with weak internal pull-up
UART data output
39
UART_RX
CMOS input with weak internal pull-
down
UART data input
40
PIO8
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
41
PIO7
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
42
PIO6
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com