Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2802D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2802D
Description  Low-Power BiCMOS Current-Mode PWM Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2802D Datasheet(HTML) 2 Page - Texas Instruments

  UCC2802D Datasheet HTML 1Page - Texas Instruments UCC2802D Datasheet HTML 2Page - Texas Instruments UCC2802D Datasheet HTML 3Page - Texas Instruments UCC2802D Datasheet HTML 4Page - Texas Instruments UCC2802D Datasheet HTML 5Page - Texas Instruments UCC2802D Datasheet HTML 6Page - Texas Instruments UCC2802D Datasheet HTML 7Page - Texas Instruments UCC2802D Datasheet HTML 8Page - Texas Instruments UCC2802D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2
UCC1800, UCC1801, UCC1802, UCC1803, UCC1804, UCC1805
UCC2800, UCC2801, UCC2802, UCC2803, UCC2804, UCC2805
UCC3800, UCC3801, UCC3802, UCC3803, UCC3804, UCC3805
SLUS270E – MARCH 1999 – REVISED JUNE 2016
www.ti.com
Product Folder Links: UCC1800 UCC1801 UCC1802 UCC1803 UCC1804 UCC1805 UCC2800 UCC2801 UCC2802
UCC2803 UCC2804 UCC2805 UCC3800 UCC3801 UCC3802 UCC3803 UCC3804 UCC3805
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 3
6
Device Comparison Table..................................... 3
7
Pin Configuration and Functions ......................... 4
8
Specifications......................................................... 6
8.1
Absolute Maximum Ratings ...................................... 6
8.2
ESD Ratings.............................................................. 6
8.3
Recommended Operating Conditions ....................... 6
8.4
Thermal Information ................................................. 7
8.5
Electrical Characteristics........................................... 7
8.6
Typical Characteristics .............................................. 9
9
Detailed Description ............................................ 11
9.1
Overview ................................................................. 11
9.2
Functional Block Diagram ....................................... 11
9.3
Feature Description................................................. 11
9.4
Device Functional Modes ....................................... 23
10
Application and Implementation........................ 25
10.1
Application Information.......................................... 25
10.2
Typical Application ............................................... 25
11
Power Supply Recommendations ..................... 34
12
Layout................................................................... 34
12.1
Layout Guidelines ................................................ 34
12.2
Layout Example .................................................... 35
13
Device and Documentation Support ................. 36
13.1
Related Links ........................................................ 36
13.2
Community Resources.......................................... 36
13.3
Trademarks ........................................................... 36
13.4
Electrostatic Discharge Caution ............................ 36
13.5
Glossary ................................................................ 36
14
Mechanical, Packaging, and Orderable
Information ........................................................... 37
4 Revision History
Changes from Revision D (August 2010) to Revision E
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
Changes from Revision A (September 2000) to Revision B
Page
•
Updated Abs Max Table to read: Analog Inputs (FB, CS, RC, COMP)... –0.3V to the lesser of 6.3V or VCC + 0.3V
From: Analog Inputs (FB, CS)... –0.3V to 6.3V ...................................................................................................................... 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com