Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2802D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2802D
Description  Low-Power BiCMOS Current-Mode PWM Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2802D Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCC2802D Datasheet HTML 9Page - Texas Instruments UCC2802D Datasheet HTML 10Page - Texas Instruments UCC2802D Datasheet HTML 11Page - Texas Instruments UCC2802D Datasheet HTML 12Page - Texas Instruments UCC2802D Datasheet HTML 13Page - Texas Instruments UCC2802D Datasheet HTML 14Page - Texas Instruments UCC2802D Datasheet HTML 15Page - Texas Instruments UCC2802D Datasheet HTML 16Page - Texas Instruments UCC2802D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Rmax=
VIN:min;-VVCC:max;
IVCC+Qg ×f
OUT
g
I
Q
=
´ f
13
UCC1800, UCC1801, UCC1802, UCC1803, UCC1804, UCC1805
UCC2800, UCC2801, UCC2802, UCC2803, UCC2804, UCC2805
UCC3800, UCC3801, UCC3802, UCC3803, UCC3804, UCC3805
www.ti.com
SLUS270E – MARCH 1999 – REVISED JUNE 2016
Product Folder Links: UCC1800 UCC1801 UCC1802 UCC1803 UCC1804 UCC1805 UCC2800 UCC2801 UCC2802
UCC2803 UCC2804 UCC2805 UCC3800 UCC3801 UCC3802 UCC3803 UCC3804 UCC3805
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Feature Description (continued)
In these two equations, switching frequency (f) is in Hz, R is in Ω, and C is in farads.
The two equations are different due to different reference voltages. The recommended range of timing resistor
values is between 10 kΩ and 200 kΩ; the recommended range of timing capacitor values is between 100 pF and
1000 pF. The peak-to-peak amplitude of the oscillator waveform is 2.45 V versus 1.7 V in UC3842 family. For
best performance, keep the timing capacitor lead to GND as short as possible. TI recommends separate ground
traces for the timing capacitor and all other pins. The maximum duty cycle for the UCCx802 and UCCx803 is
approximately 99%; the maximum duty cycle for the UCCx803 and UCCx804 is approximately 49%. The duty
cycle cannot be easily modified by adjusting RT and CT, unlike the UC3842A family. The maximum duty cycle
limit is set by the ratio of the external oscillator charging resistor RT and the internal oscillator discharge transistor
on-resistance, like the UC3842. However, maximum duty cycle limits less than 90% (for the UCCx802 and
UCCx803) and less than 45% (for the UCCx804 and UCCx805) can not reliably be set in this manner. For better
control of maximum duty cycle, consider using the UCCx807.
9.3.1.5 GND
GND pin is the signal and power returning ground. TI recommends separating the signal return path and the high
current gate driver path so that the signal is not affected by the switching current.
9.3.1.6 OUT
OUT is the output of a high-current power driver capable of driving the gate of a power MOSFET with peak
currents exceeding 750 mA. OUT is actively held low when VCC is below the UVLO threshold. The high-current
power driver consists of FET output devices, which can switch all of the way to GND and all of the way to VCC.
The output stage also provides a low impedance to overshoot and undershoot. This means that in many cases,
external Schottky clamp diodes are not required.
The output of the UCCx80x is a CMOS output versus a Bipolar output on the UC3842 family. Peak output current
remains the same ±1 A. The CMOS output provides very smooth rising and falling waveforms, with virtually no
overshoot or undershoot. Additionally, the CMOS output provides a low resistance to the supply in response to
overshoot, and a low resistance to ground in response to undershoot. Because of this, Schottky diodes may not
be necessary on the output. Furthermore, the UCCx802 has a self-biasing, active low output during UVLO. This
feature eliminates the gate to source bleeder resistor associated with the MOSFET gate drive. Finally, no
MOSFET gate voltage clamp is necessary with the UCCx80x as the on-chip Zener diode automatically clamps
the output to VCC.
9.3.1.7 VCC
VCC is the power input connection for this device. In normal operation, VCC is powered through a current
limiting resistor. Although quiescent VCC current is very low, total supply current is higher, depending on the
OUT current. Total VCC current is the sum of quiescent VCC current and the average OUT current. Knowing the
operating frequency and the MOSFET gate charge (Qg), average OUT current can be calculated from
Equation 6.
(6)
The UCCx80x has a lower VCC (supply voltage) clamp of 13.5 V typical versus 30 V on the UC3842. For
applications that require a higher VCC voltage, a resistor must be placed in series with VCC to increase the
source impedance. The maximum value of this resistor is calculated with Equation 7.
(7)
In Equation 7, VIN(min) is the minimum voltage that is used to supply VCC, VVCC(max) is the maximum VCC
clamp voltage and IVCC is the IC supply current without considering the gate driver current and Qg is the external
power MOSFET gate charge and f is the switching frequency.
Additionally, the UCCx80x has an on-chip Zener diode to regulate VCC to 13.5 V. The turnon and turnoff
thresholds for the UCCx80x family are significantly different: 12.5 V and 8 V for the UCCx802 and UCCx804;
4.1 V and 3.6 V for the UCCx803 and UCCx805. 5-V PWM operation is now possible. To ensure against noise
related problems, filter VCC with an electrolytic and bypass with a ceramic capacitor to ground. Keep the
capacitors close to the IC pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com