Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3008T/2K Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3008T/2K
Description  LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3008T/2K Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM3008T/2K Datasheet HTML 3Page - Texas Instruments PCM3008T/2K Datasheet HTML 4Page - Texas Instruments PCM3008T/2K Datasheet HTML 5Page - Texas Instruments PCM3008T/2K Datasheet HTML 6Page - Texas Instruments PCM3008T/2K Datasheet HTML 7Page - Texas Instruments PCM3008T/2K Datasheet HTML 8Page - Texas Instruments PCM3008T/2K Datasheet HTML 9Page - Texas Instruments PCM3008T/2K Datasheet HTML 10Page - Texas Instruments PCM3008T/2K Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PCM3008
SLAS332 – APRIL 2001
7
www.ti.com
theory of operation
ADC section
The PCM3008 ADC consists of a reference circuit, a stereo single-to-differential converter, a stereo fully
differential 5th-order delta-sigma modulator, a digital decimation filter with high pass filter function and a serial
interface circuit. The block diagram in this data sheet illustrates the architecture of the ADC section and Figure
1 shows the single-to-differential converter.
An internal reference circuit with one external capacitor provides all reference voltages required by the ADC
and DAC. The internal single-to-differential voltage converter saves the design, space and extra parts needed
for external circuitry required by many delta-sigma converters. The internal full-differential signal processing
architecture provides a wide dynamic range and excellent power supply rejection performance. The input signal
is sampled at 64
× oversampling rate, eliminating the need for a sample-and-hold circuit, and simplifying
anti-alias filtering requirements. The 5th-order delta-sigma noise shaper consists of five integrators that use a
switched-capacitor topology, a comparator and a feedback loop consisting of a one-bit DAC. The delta-sigma
modulator shapes the quantization noise, shifting it out of the audio band in the frequency domain.
The 64fs one-bit data stream from the modulator is converted to 1fs 16-bit data words by the decimation filter,
which also acts as a low pass filter to remove the shaped quantization noise. The dc components are removed
by a high pass filter function contained within the decimation filter.
DAC section
The PCM3008 DAC consists of a serial interface circuit, a 8
× digital interpolation filter with de-emphasis filter
function, a stereo 5th-order delta-sigma modulator, and a stereo analog FIR filter with LPF and output buffer
amplifier. The block diagram in this data sheet illustrates the architecture of the DAC section. 1fs 16-bit audio
data is converted to 8fs 18-bit data by an 8× oversampling interpolation filter, and then converted to 64fs one-bit
data by delta-sigma modulator. One-bit digital data is converted to an analog signal by a current source D to
A, and then high frequency components of the shaped quantization noise out of band is reduced by the analog
FIR filter and LPF. The fade in, fade out function in digital domain, and VOUT control circuit in analog domain
provide a pop-noise free muting function that is required for the power down on/off control sequence.
system clock
The system clock for PCM3008 must be either 256fs, 384fs or 512fs, where fs is the audio sampling frequency.
The system clock must be supplied on SYSCK (pin 11). PCM3008 also has a system clock detection circuit that
automatically senses 256fs, 384fs or 512fs mode, and when 384fs or 512fs system clock is used, the clock is
divided into 256fs automatically. The 256fs clock is used to operate the digital filter and the modulator. The
system clock must be supplied whenever power is applied and either PDAD or PDDA is HIGH, as the PCM3008
uses dynamic circuits internally. Table 1 lists the relationship of typical sampling frequency and system clock
frequency, and Figure 2 illustrates the system clock timing.
tSCKL
1/256 fs, 1/384 fs or 1/512 fs
0.7 VCC
0.3 VCC
tSCKH
H
L
SYSCK
SYMBOL
DEFINITION
MIN
UNIT
tSCKH
System clock pulse width HIGH
15
ns
tSCKL
System clock pulse width LOW
15
ns
Figure 2. System Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com