Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3008T/2K Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3008T/2K
Description  LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3008T/2K Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM3008T/2K Datasheet HTML 19Page - Texas Instruments PCM3008T/2K Datasheet HTML 20Page - Texas Instruments PCM3008T/2K Datasheet HTML 21Page - Texas Instruments PCM3008T/2K Datasheet HTML 22Page - Texas Instruments PCM3008T/2K Datasheet HTML 23Page - Texas Instruments PCM3008T/2K Datasheet HTML 24Page - Texas Instruments PCM3008T/2K Datasheet HTML 25Page - Texas Instruments PCM3008T/2K Datasheet HTML 26Page - Texas Instruments PCM3008T/2K Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
PCM3008
SLAS332 – APRIL 2001
23
www.ti.com
TYPICAL CHARACTERISTICS
DAC digital interpolation and de-emphasis filter frequency response
–100
–80
–60
–40
–20
0
01234
STOPBAND ATTENUATION
Normalized Frequency – Hz
x fs
Figure 37
Figure 38
–12
–8
–4
0
0
0.1
0.2
0.3
0.4
0.5
DE-EMPHASIS CHARACTERISTIC (32 kHz)
Normalized Frequency – Hz
x fs
–0.8
–0.6
–0.4
–0.2
0
0.2
0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency – Hz
PASSBAND RIPPLE
x fs
Figure 39
Figure 40
–12
–8
–4
0
0
0.1
0.2
0.3
0.4
0.5
DE-EMPHASIS CHARACTERISTIC (44.1 kHz)
Normalized Frequency – Hz
x fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com