Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1615 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD1615
Description  Old Company Name in Catalogs and Other Documents
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1615 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD1615 Datasheet HTML 1Page - Renesas Technology Corp 2SD1615 Datasheet HTML 2Page - Renesas Technology Corp 2SD1615 Datasheet HTML 3Page - Renesas Technology Corp 2SD1615 Datasheet HTML 4Page - Renesas Technology Corp 2SD1615 Datasheet HTML 5Page - Renesas Technology Corp 2SD1615 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet D10198EJ5V0DS
2
2SD1615, 1615A
TYPICAL CHARACTERISTICS (TA = 25°C)
TA – Ambient Temperature – C
0
40
80
120
160
200
2.5
2.0
1.5
1.0
0.5
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
100
80
60
40
20
02
4
6
8
10
300 A
μ
250 A
μ
200 A
μ
150 A
μ
100 A
μ
IB = 50 A
μ
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VCE – Collector to Emitter Voltage – V
1000
500
200
100
50
20
10
5
0.01 0.02
0.05 0.1 0.2
0.5
1
2
5
10
IC – Collector Current – A
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 2.0 V
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
3.0 mA
2.5 mA
2.0 mA
1.5 mA
1.0 mA
IB = 0.5 mA
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE(sat) – Collector Saturation Voltage – V
2
1
0.5
0.2
0.1
0.05
0.02
0.01 0.02
0.05 0.1 0.2
0.5
1
2
5
10
IC – Collector Current – A
COLLECTOR AND BASE SATURATION
VOLTAGE vs. COLLECTOR CURRENT
3.5
mA
4.0
mA
5.0 mA
4.5 mA
IC = 20·IB
V
CE(sat)
VBE(sat)
SAFE OPERATING AREA
(TRANSIENT THERMAL RESISTANCE
METHOD)
1 pulse
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
1
2
5
10
20
50
100
VCE – Collector to Emitter Voltage – V
200
ms
DC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com