Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1615 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SD1615
Description  Old Company Name in Catalogs and Other Documents
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1615 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SD1615 Datasheet HTML 1Page - Renesas Technology Corp 2SD1615 Datasheet HTML 2Page - Renesas Technology Corp 2SD1615 Datasheet HTML 3Page - Renesas Technology Corp 2SD1615 Datasheet HTML 4Page - Renesas Technology Corp 2SD1615 Datasheet HTML 5Page - Renesas Technology Corp 2SD1615 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet D10198EJ5V0DS
3
2SD1615, 1615A
0.01 0.02
0.05 0.1 0.2
0.5
1
2
5
10
1
2
5
10
20
50
100
200
500
1000
GAIN BANDWIDTH PRODUCT vs.
EMITTER CURRENT
IC – Collector Current – A
VEC = 2.0 V
1
2
5
10
20
50
100
2
5
10
20
50
100
OUTPUT CAPCITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCB – Collector to Base Voltage – V
IE = 0
f = 1.0 MHZ
0.01 0.02
0.05
0.1
0.2
0.5
1
IC – Collector Current – A
0.05
0.1
0.2
0.5
1
2
SWITCHING TIME vs.
COLLECTOR CURRENT
VCC = 10 V
IC = 10.IBI = –10.IB2
VBE(off) = –2 to 3 V
PW = 2 s
Duty Cycle 2 %
μ
.
.
tf
ton
tstg



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com