Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F417IPM Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F417IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F417IPM Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP430F417IPM Datasheet HTML 28Page - Texas Instruments MSP430F417IPM Datasheet HTML 29Page - Texas Instruments MSP430F417IPM Datasheet HTML 30Page - Texas Instruments MSP430F417IPM Datasheet HTML 31Page - Texas Instruments MSP430F417IPM Datasheet HTML 32Page - Texas Instruments MSP430F417IPM Datasheet HTML 33Page - Texas Instruments MSP430F417IPM Datasheet HTML 34Page - Texas Instruments MSP430F417IPM Datasheet HTML 35Page - Texas Instruments MSP430F417IPM Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
SVS (supply voltage supervisor/monitor, see Notes 1 and 2) MSP430x415, MSP430x417 only
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
td(SVSR)
dVCC/dt > 30 V/ms (see Figure 17)
5
150
µs
td(SVSR)
dVCC/dt ≤ 30 V/ms
2000
µs
td(SVSon)
SVSon, switch from VLD=0 to VLD
≠ 0, VCC = 3 V
20
150
µs
tsettle
VLD
≠ 0‡
12
µs
V(SVSstart)
VLD
≠ 0, VCC/dt ≤ 3 V/s (see Figure 17)
1.55
1.7
V
VLD = 1
70
120
155
mV
Vhys(SVS_IT−)
VCC/dt ≤ 3 V/s (see Figure 17)
VLD = 2 .. 14
V(SVS_IT−)
x 0.004
V(SVS_IT−)
x 0.008
Vhys(SVS_IT−)
VCC/dt ≤ 3 V/s (see Figure 17), external voltage applied
on SVSIN
VLD = 15
4.4
10.4
mV
VLD = 1
1.8
1.9
2.05
VLD = 2
1.94
2.1
2.25
VLD = 3
2.05
2.2
2.37
VLD = 4
2.14
2.3
2.48
VLD = 5
2.24
2.4
2.6
VLD = 6
2.33
2.5
2.71
VCC/dt ≤ 3 V/s (see Figure 17)
VLD = 7
2.46
2.65
2.86
V(SVS_IT−)
VCC/dt ≤ 3 V/s (see Figure 17)
VLD = 8
2.58
2.8
3
V
V(SVS_IT−)
VLD = 9
2.69
2.9
3.13
V
VLD = 10
2.83
3.05
3.29
VLD = 11
2.94
3.2
3.42
VLD = 12
3.11
3.35
3.61†
VLD = 13
3.24
3.5
3.76†
VLD = 14
3.43
3.7†
3.99†
VCC/dt ≤ 3 V/s (see Figure 17), external voltage applied
on SVSIN
VLD = 15
1.1
1.2
1.3
ICC(SVS)
(see Note 1)
VLD
≠ 0, VCC = 2.2 V/3 V
10
15
µA
† The recommended operating voltage range is limited to 3.6 V.
‡ tsettle is the settling time that the comparator o/p needs to have a stable level after VLD is switched VLD ≠ 0 to a different VLD value somewhere
between 2 and 15. The overdrive is assumed to be > 50 mV.
NOTES:
1. The current consumption of the SVS module is not included in the ICC current consumption data.
2. The SVS is not active at power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com