Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F417IPM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F417IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F417IPM Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430F417IPM Datasheet HTML 3Page - Texas Instruments MSP430F417IPM Datasheet HTML 4Page - Texas Instruments MSP430F417IPM Datasheet HTML 5Page - Texas Instruments MSP430F417IPM Datasheet HTML 6Page - Texas Instruments MSP430F417IPM Datasheet HTML 7Page - Texas Instruments MSP430F417IPM Datasheet HTML 8Page - Texas Instruments MSP430F417IPM Datasheet HTML 9Page - Texas Instruments MSP430F417IPM Datasheet HTML 10Page - Texas Instruments MSP430F417IPM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
MSP430x415, MSP430x417
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVCC
64
Positive terminal that supplies SVS, brownout, oscillator, FLL+, comparator_A, port 1, and LCD
resistive divider circuitry; must not power up prior to DVCC.
AVSS1
62
Negative terminal that supplies SVS, brownout, oscillator, FLL+, comparator_A. Needs to be externally
connected to DVSS.
DVCC
1
Digital supply voltage, positive terminal. Supplies all parts, except those which are supplied via AVCC.
DVSS
63
Digital supply voltage, negative terminal. Supplies all digital parts, except those which are supplied via
AVCC/AVSS.
AVSS2
10
Negative terminal that supplies SVS, brownout, oscillator, FLL+, comparator_A. Needs to be externally
connected to DVSS.
NC
7, 11
Not internally connected. Connection to VSS recommended.
P1.0/TA0.0
53
I/O
General-purpose digital I/O/Timer0_A. Capture: CCI0A input, compare: Out0 output/BSL transmit
P1.1/TA0.0/MCLK
52
I/O
General-purpose digital I/O/Timer0_A. Capture: CCI0B input/MCLK output. Note: TA0 is only an input
on this pin/BSL receive
P1.2/TA0.1
51
I/O
General-purpose digital I/O/Timer0_A, capture: CCI1A input, compare: Out1 output
P1.3/TA1.0/
SVSOUT
50
I/O
General-purpose digital I/O/Timer1_A, capture: CCI0B input/SVS: output of SVS comparator
P1.4/TA1.0
49
I/O
General-purpose digital I/O/Timer1_A, capture: CCI0A input, compare: Out0 output
P1.5/TA0CLK/
ACLK
48
I/O
General-purpose digital I/O/input of Timer0_A clock/output of ACLK
P1.6/CA0
47
I/O
General-purpose digital I/O/Comparator_A input
P1.7/CA1
46
I/O
General-purpose digital I/O/Comparator_A input
P2.0/TA0.2
45
I/O
General-purpose digital I/O/ Timer0_A capture: CCI2A input, compare: Out2 output
P2.1/TA1.1
44
I/O
General-purpose digital I/O/Timer1_A, capture: CCI1A input, compare: Out1 output
P2.2/TA1.2/S23
35
I/O
General-purpose digital I/O/Timer1_A, capture: CCI2A input, compare: Out2 output/LCD segment
output 23 (see Note 1)
P2.3/TA1.3/S22
34
I/O
General-purpose digital I/O/Timer1_A, capture: CCI3A input, compare: Out3 output/LCD segment
output 22 (see Note 1)
P2.4/TA1.4/S21
33
I/O
General-purpose digital I/O/Timer1_A, capture: CCI4A input, compare: Out4 output/LCD segment
output 21 (see Note 1)
P2.5/TA1CLK/S20
32
I/O
General-purpose digital I/O/input of Timer1_A clock/LCD segment output 20 (see Note 1)
P2.6/CAOUT/S19
31
I/O
General-purpose digital I/O/Comparator_A output/LCD segment output 19 (see Note 1)
P2.7/S18
30
I/O
General-purpose digital I/O/LCD segment output 18 (see Note 1)
P3.0/S17
29
I/O
General-purpose digital I/O/ LCD segment output 17 (see Note 1)
P3.1/S16
28
I/O
General-purpose digital I/O/ LCD segment output 16 (see Note 1)
P3.2/S15
27
I/O
General-purpose digital I/O/ LCD segment output 15 (see Note 1)
P3.3/S14
26
I/O
General-purpose digital I/O/ LCD segment output 14 (see Note 1)
P3.4/S13
25
I/O
General-purpose digital I/O/LCD segment output 13 (see Note 1)
P3.5/S12
24
I/O
General-purpose digital I/O/LCD segment output 12 (see Note 1)
P3.6/S11
23
I/O
General-purpose digital I/O/LCD segment output 11 (see Note 1)
P3.7/S10
22
I/O
General-purpose digital I/O/LCD segment output 10 (see Note 1)
NOTE 1: LCD function selected automatically when applicable LCD module control bits are set, not with PxSEL bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com