Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLLA Datasheet(PDF) 1 Page - Dubilier

Part # CLLA
Description  ALUMINIUM ELECTROLYTIC LOW - LEAKAGE CURRENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

CLLA Datasheet(HTML) 1 Page - Dubilier

  CLLA Datasheet HTML 1Page - Dubilier CLLA Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
46
CAPACITORS
ALUMINIUM ELECTROLYTIC LOW - LEAKAGE CURRENT CLLA
ORDERING INFORMATION
SPECIFICATION
Miniature case sizes
Very low-leakage current
Extremely low stable leakage current characteristics
Close capacitance tolerance ± 20% (± 10% available)
The CLLA is a radial electrolytic capacitor offering very low-leakage
currents.
Typical applications include audio and timing circuits.
Product is available loose, taped & boxed.
Item
Performance Characteristics
Operating Temperature Range
-40 to +105˚C
Rated Working Voltage Range
10 to 50V DC
Nominal Capacitance Range
0.1 to 220µF
Capacitance Tolerance
± 20% (± 10% on request)
Leakage Current
I ≤ 0.002CV or 0.3[µA] whichever is greater after 2 minutes (30 sec: ≤ 10µF)
application of rated working voltage at +20˚C
tan ∂
Working voltage [V]
10
16
25
50
(120Hz +20°C)
tan ∂
max.
0.17
0.13
0.10
*0.08
*0.06 for C ≤ 1µF
Test Conditions
Duration
2000 hours
Applied voltage
Rated DC working voltage
Ambient temperature
+105˚C
High Temperature Loading
Post Test Requirements at +20˚C
Leakage current
≤ Initial specified value
Capacitance change
≤ ± 20˚C of initial measured value
tan ∂
≤ 150% of initial specified value
Test Conditions
Duration
500 hours
Ambient temperature
+105˚C
Applied voltage
(None)
Shelf Life
Post Test Requirements at +20˚C
Leakage current
≤ initial specified value
Capacitance change
≤ ± 20% of initial measured value
tan ∂
≤ 150% of initial specified value
*Pre-treatment for measurements.
Measurements shall be conducted after application of DC working voltage
for 30 minutes.
CLLA
10
16
TA
Range
Capacitance
Voltage
Options
TA = 5mm Tape/Ammo box
For others add pitch e.g. TA 2mm = 2mm pitch
Blank = Loose
www.dubilier.co.uk


Similar Part No. - CLLA

ManufacturerPart #DatasheetDescription
logo
Dubilier
CLLA1016 DUBILIER-CLLA1016 Datasheet
137Kb / 2P
ALUMINIUM ELECTROLYTIC LOW - LEAKAGE CURRENT CLLA
CLLA1016TA DUBILIER-CLLA1016TA Datasheet
137Kb / 2P
ALUMINIUM ELECTROLYTIC LOW - LEAKAGE CURRENT CLLA
CLLA1016TA DUBILIER-CLLA1016TA Datasheet
249Kb / 2P
CAPACITORS ALUMINIUM ELECTROLYTIC LOW - LEAKAGE CURRENT CLLA
CLLA1016TA DUBILIER-CLLA1016TA_11 Datasheet
249Kb / 2P
CAPACITORS ALUMINIUM ELECTROLYTIC LOW - LEAKAGE CURRENT CLLA
More results

Similar Description - CLLA

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
85째C Low Leakage Current Aluminum Electrolytic Capacitors
logo
Dubilier
CLLA1016TA DUBILIER-CLLA1016TA Datasheet
137Kb / 2P
ALUMINIUM ELECTROLYTIC LOW - LEAKAGE CURRENT CLLA
CLLA1016TA DUBILIER-CLLA1016TA_11 Datasheet
249Kb / 2P
CAPACITORS ALUMINIUM ELECTROLYTIC LOW - LEAKAGE CURRENT CLLA
DJ4X10016TA DUBILIER-DJ4X10016TA_11 Datasheet
245Kb / 3P
CAPACITORS ALUMINIUM ELECTROLYTIC LOW IMPEDANCE DJ4X
DJ4X DUBILIER-DJ4X Datasheet
245Kb / 3P
ALUMINIUM ELECTROLYTIC LOW IMPEDANCE
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
Low Leakage Current
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
Low leakage current
04-Aug-2014
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
Low Leakage Current
logo
Vishay Siliconix
013RLC VISHAY-013RLC_16 Datasheet
108Kb / 7P
Aluminum Electrolytic Capacitors Radial Low Leakage Current
15-Jul-16
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
Aluminum Electrolytic Capacitors Radial Low Leakage Current
15-Jul-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com