Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC74 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC74
Description  Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC74 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC74 Datasheet HTML 1Page - Texas Instruments CD74HC74 Datasheet HTML 2Page - Texas Instruments CD74HC74 Datasheet HTML 3Page - Texas Instruments CD74HC74 Datasheet HTML 4Page - Texas Instruments CD74HC74 Datasheet HTML 5Page - Texas Instruments CD74HC74 Datasheet HTML 6Page - Texas Instruments CD74HC74 Datasheet HTML 7Page - Texas Instruments CD74HC74 Datasheet HTML 8Page - Texas Instruments CD74HC74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS124D
Features
• Hysteresis on Clock Inputs for Improved Noise
Immunity and Increased Input Rise and Fall Times
• Asynchronous Set and Reset
• Complementary Outputs
• Buffered Inputs
• Typical fMAX = 50MHz at VCC = 5V, CL = 15pF,
TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC74 and ’HCT74 utilize silicon gate CMOS technology
to achieve operating speeds equivalent to LSTTL parts.
They exhibit the low power consumption of standard CMOS
integrated circuits, together with the ability to drive 10 LSTTL
loads.
This flip-flop has independent DATA, SET, RESET and
CLOCK inputs and Q and Q outputs. The logic level present
at the data input is transferred to the output during the
positive-going transition of the clock pulse. SET and RESET
are independent of the clock and are accomplished by a low
level at the appropriate input.
The HCT logic family is functionally as well as pin compatible
with the standard LS logic family.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC74F3A
-55 to 125
14 Ld CERDIP
CD54HCT74F3A
-55 to 125
14 Ld CERDIP
CD74HC74E
-55 to 125
14 Ld PDIP
CD74HC74M
-55 to 125
14 Ld SOIC
CD74HC74MT
-55 to 125
14 Ld SOIC
CD74HC74M96
-55 to 125
14 Ld SOIC
CD74HCT74E
-55 to 125
14 Ld PDIP
CD74HCT74M
-55 to 125
14 Ld SOIC
CD74HCT74MT
-55 to 125
14 Ld SOIC
CD74HCT74M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC74, CD74HC74,
CD54HCT74, CD74HCT74
Dual D Flip-Flop with Set and Reset
Positive-Edge Trigger
[ /Title
(CD54H
C74,
CD74H
C74,
CD74H
CT74)
/Subject
(Dual D
Flip-
Flop
with Set
January 1998 - Revised September 2003


Similar Part No. - CD74HC74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC74 TI-CD74HC74 Datasheet
43Kb / 8P
Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC74 TI1-CD74HC74 Datasheet
628Kb / 17P
Dual D Flip-Flop with Set and Reset
CD74HC74-MIL TI1-CD74HC74-MIL Datasheet
628Kb / 17P
Dual D Flip-Flop with Set and Reset
CD74HC74E TI-CD74HC74E Datasheet
43Kb / 8P
Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC74E TI1-CD74HC74E Datasheet
628Kb / 17P
Dual D Flip-Flop with Set and Reset
More results

Similar Description - CD74HC74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Texas Instruments
CD54HC74 TI-CD54HC74 Datasheet
43Kb / 8P
Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Unisonic Technologies
U74HC74 UTC-U74HC74 Datasheet
123Kb / 5P
DUAL D FLIP-FLOP WITH SET AND RESET,POSITIVE-EDGEN TRIGGER
logo
Nexperia B.V. All right...
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
Dual D-type flip-flop with set and reset positive-edge trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
Dual D-type flip-flop with set and reset; positive edge-trigger
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
Dual D-type flip-flop with set and reset; positive-edge trigger
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com