Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138128APFCR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 33 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 29Page - Texas Instruments UCD3138128APFCR Datasheet HTML 30Page - Texas Instruments UCD3138128APFCR Datasheet HTML 31Page - Texas Instruments UCD3138128APFCR Datasheet HTML 32Page - Texas Instruments UCD3138128APFCR Datasheet HTML 33Page - Texas Instruments UCD3138128APFCR Datasheet HTML 34Page - Texas Instruments UCD3138128APFCR Datasheet HTML 35Page - Texas Instruments UCD3138128APFCR Datasheet HTML 36Page - Texas Instruments UCD3138128APFCR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 83 page
background image
Q1B
Q1T
QSR1
QSR2
fs< fr
fr
fs> fr
fs= fr_max
PWM
Mode
LLC Mode
Tr= 1/fr
Tr= 1/fr
I SEC(t)
QT1
QB1
Lr
ISOLATED
GATE Transformer
SYNCHRONOUS
GATE DRIVE
PRIM
CURRENT
VOUT
+12V
T1
T1
ORING
CTL
VA
VBUS
QT2
QB2
D1
D2
T2
L1
Q5
RL
C1
C2
R2
Q6
Q7
I_SHARE
Vout
Iout
I_pri
temp
Vin
VA
ARM7
FAULT 0
AD01
AD02/CMP0
AD 03/CMP1/CMP2
AD04/CMP3
AD05/CMP4
AD00
AD06/CMP5
FAULT 1
FAULT 2
GPIO2
GPIO3
GPIO1
AD07/CMP6
AD08
AD09
DPWM0B
DPWM1B
DPWM2A
DPWM2B
ORING_CRTL
P_GOOD
DPWM3A
DPWM3B
Vout
ON/OFF
FAILURE
ACFAIL_OUT
ACFAIL_IN
I_pri
Iout
EADC0
EADC1
CLA0
CLA1
EADC2
DPWM0
DPWM1
DPWM2
DPWM3
Duty for mode
switching
Vref
Load Current
PCM
CBC
<
CPCC
PMBus
UART 1
UART0
Primary
OSC
WD
RST
Memory
FAULT
Current
Sensing
I_pri
Copyright © 2016, Texas Instruments Incorporated
33
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 18. Secondary-Referenced Phase-Shifted Full Bridge Control With Synchronous Rectification
9.3.3.2 LLC Example
In LLC, three modes are used. At the highest frequency, a pulse width modulated mode (Multi Mode) is used. As
the frequency decreases, resonant mode is used. As the frequency gets still lower, the synchronous MOSFET
drive changes so that the on-time is fixed and does not increase. In addition, the LLC control supports cycle-by-
cycle current limiting. This protection function operates by a comparator monitoring the maximum current during
the DPWMA conduction time. Any time this current exceeds the programmable comparator reference the pulse is
immediately terminated. Due to classic instability issues associated with half-bridge topologies it is also possible
to force DPWMB to match the truncated pulse width of DPWMA. Here are the waveforms for the LLC:
Figure 19. LLC Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com