Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138128APFCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 5Page - Texas Instruments UCD3138128APFCR Datasheet HTML 6Page - Texas Instruments UCD3138128APFCR Datasheet HTML 7Page - Texas Instruments UCD3138128APFCR Datasheet HTML 8Page - Texas Instruments UCD3138128APFCR Datasheet HTML 9Page - Texas Instruments UCD3138128APFCR Datasheet HTML 10Page - Texas Instruments UCD3138128APFCR Datasheet HTML 11Page - Texas Instruments UCD3138128APFCR Datasheet HTML 12Page - Texas Instruments UCD3138128APFCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
9
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
NAME
PRIMARY ASSIGNMENT
ALTERNATE ASSIGNMENT
CONFIGURABLE
AS A GPIO?
NO. 1
NO. 2
60
DGND
Digital ground
61
XTAL_OUT
Crystal oscillator input
62
XTAL_IN
Crystal oscillator output
63
AGND
Analog ground
64
EAP0
Channel #0, differential analog voltage, positive input
65
EAN0
Channel #0, differential analog voltage, negative input
66
EAP1
Channel #1, differential analog voltage, positive input
67
EAN1
Channel #1, differential analog voltage, negative input
68
EAP2
Channel #2, differential analog voltage, positive input
69
EAN2
Channel #2, differential analog voltage, negative input
70
AGND
Analog ground
71
V33A
Analog 3.3V supply
72
AD00
12-bit ADC, Ch 0, Connected to current source
73
AD01
12-bit ADC, Ch 1, Connected to current source
74
AD02
12-bit ADC, Ch 2, Connected to comparator A, I-share
75
AD05
12-bit ADC, Ch 5
76
AD14
12-bit ADC, Ch 14
77
AD08
12-bit ADC, Ch 8
78
AD09
12-bit ADC, Ch 9
79
AD11
12-bit ADC, Ch 11
80
AGND
Analog ground
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Referenced to DGND
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Voltage
V33D to DGND
–0.3
3.8
V
V33DIO to DGND
–0.3
3.8
V
V33A to AGND
–0.3
3.8
V
BP18 to DGND
-0.3
2.5
V
Ground difference, |DGND – AGND|
0.3
V
Voltage applied to any pin, excluding AGND(2)
–0.3
3.8
V
Junction Temperature, TJ
–40
125
°C
Storage temperature range, Tstg
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
all pins(2)
±500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com