Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W02 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # W02
Description  REVERSE VOLTAGE - 50 to 1000Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

W02 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  W02 Datasheet HTML 1Page - Bruckewell Technology LTD W02 Datasheet HTML 2Page - Bruckewell Technology LTD W02 Datasheet HTML 3Page - Bruckewell Technology LTD W02 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.5WO_WOM SERIES
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 1.5 Amperes
Publication Order Number: [1.5WO_WOM]
© Bruckewell Technology Corporation Rev. A -2016
Features
• Surge overload rating -50 amperes peak
• Ideal for printed circuit board
• Reliable low cost construction utilizing molded plastic
technique results in expensive product
• Mounting position: Any
• RoHS compliant package
Packing & Order Information
1,000(Bulk) / Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Parameter
Symbol
W005
W01
W02
W04
W06
W08
W10
Unit
W005M
W01M
W02M
W04M
W06M
W08M
W10M
Maximum repetitive peak
Reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Working RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current @TA=25°C
I (AV)
1.5
A
Peak forward surge current
8.3ms single half sine-wave
superimposed on rated load
IFSM
50
A
I2t Rating for Fusing (t<8.3ms)
I
2t
5.0
A
2S


Similar Part No. - W02

ManufacturerPart #DatasheetDescription
logo
Surge Components
W02 SURGE-W02 Datasheet
107Kb / 2P
Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Semtech Corporation
W02 SEMTECH-W02 Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Shanghai Sunrise Electr...
W02 SSE-W02 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W02 CHENYI-W02 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
W02 EIC-W02 Datasheet
17Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - W02

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1F1 CHENYI-1F1 Datasheet
58Kb / 2P
1.0 Amp Fast Recovert Plastic Rectifier 50 to 1000Volts
6A05 CHENYI-6A05 Datasheet
52Kb / 3P
6 Amp Rectifier 50-1000Volts
logo
Yea Shin Technology Co....
UF2A YEASHIN-UF2A Datasheet
39Kb / 2P
SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US1A YEASHIN-US1A Datasheet
38Kb / 2P
SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
Microdiode Semiconducto...
DSR05A CHENDA-DSR05A Datasheet
420Kb / 2P
Reverse Voltage - 50 to 100 0 Volts
logo
Bruckewell Technology L...
DB151S BWTECH-DB151S Datasheet
320Kb / 4P
REVERSE VOLTAGE - 50 to 1000 Volts
logo
Gaomi Xinghe Electronic...
KBP4005 GXELECTRONICS-KBP4005 Datasheet
469Kb / 2P
Rectifier Reverse Voltage 50 to 1000V
MB05M GXELECTRONICS-MB05M Datasheet
375Kb / 2P
Rectifier Reverse Voltage 50 to 1000V
logo
First Silicon Co., Ltd
2W005 FS-2W005 Datasheet
227Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 50 to 1000Volts , Forward Current 2.0 Amperes
logo
Shenzhen Luguang Electr...
S8AC LUGUANG-S8AC Datasheet
498Kb / 2P
Reverse Voltage :50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com