Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647CUT7 Datasheet(PDF) 176 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 176 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 172Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 173Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 174Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 175Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 176Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 177Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 178Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 179Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 190 page
background image
VCLK
4
4
3
1
2
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-91. VLYNQ Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x3800 00C0
RCHIPVER
VLYNQ Remote Chip Version Register
0x3800 00C4
RAUTNGO
VLYNQ Remote Auto Negotiation Register
0x3800 00C8
RMANNGO
VLYNQ Remote Manual Negotiation Register
0x3800 00CC
RNGOSTAT
VLYNQ Remote Negotiation Status Register
0x3800 00D0 - 0x3800 00DC
-
Reserved
0x3800 00E0
RINTVEC0
VLYNQ Remote Interrupt Vector 3 - 0
0x3800 00E4
RINTVEC1
VYLNQ Remote Interrupt Vector 7 - 4
0x3800 00E8 - 0x3800 00FC
-
Reserved for future use [Remote Interrupt Vectors 8 - 31]
6.22.3 VLYNQ Electrical Data/Timing
Table 6-92. Timing Requirements for VCLK for VLYNQ (see Figure 6-53)
720, 800, 900, 1100
NO.
UNIT
MIN
MAX
1
tc(VCLK)
Cycle time, VCLK
8
ns
Pulse duration, VCLK high, VCLK Input
2
ns
2
tw(VCLKH)
Pulse duration, VCLK high, VCLK Output
3
ns
Pulse duration, VCLK low, VCLK Input
2
ns
3
tw(VCLKL)
Pulse duration, VCLK low, VCLK Output
3
ns
4
tt(VCLK)
Transition time, VCLK
ns
Figure 6-53. VCLK Timing for VLYNQ
176
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com