Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647CUT7 Datasheet(PDF) 74 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 70Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 71Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 72Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 73Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 74Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 75Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 76Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 77Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-14. EDMA Channel Controller Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x02A0 0210
QCHMAP4
QDMA Channel 4 Mapping to PaRAM Register
0x02A0 0214
QCHMAP5
QDMA Channel 5 Mapping to PaRAM Register
0x02A0 0218
QCHMAP6
QDMA Channel 6 Mapping to PaRAM Register
0x02A0 021C
QCHMAP7
QDMA Channel 7 Mapping to PaRAM Register
0x02A0 0220 - 0x02A0 021C
-
Reserved
0x02A0 0220 - 0x02A0 023C
-
Reserved
0x02A0 0240
DMAQNUM0
DMA Queue Number Register 0 (Channels 00 to 07)
0x02A0 0244
DMAQNUM1
DMA Queue Number Register 1 (Channels 08 to 15)
0x02A0 0248
DMAQNUM2
DMA Queue Number Register 2 (Channels 16 to 23)
0x02A0 024C
DMAQNUM3
DMA Queue Number Register 3 (Channels 24 to 31)
0x02A0 0250
DMAQNUM4
DMA Queue Number Register 4 (Channels 32 to 39)
0x02A0 0254
DMAQNUM5
DMA Queue Number Register 5 (Channels 40 to 47)
0x02A0 0258
DMAQNUM6
DMA Queue Number Register 6 (Channels 48 to 55)
0x02A0 025C
DMAQNUM7
DMA Queue Number Register 7 (Channels 56 to 63)
0x02A0 0260
QDMAQNUM
CC QDMA Queue Number
0x02A0 0264 - 0x02A0 0280
-
Reserved
0x02A0 0284
QUEPRI
Queue Priority Register
0x02A0 0288 - 0x02A0 02FC
-
Reserved
0x02A0 0300
EMR
Event Missed Register
0x02A0 0304
EMRH
Event Missed Register High
0x02A0 0308
EMCR
Event Missed Clear Register
0x02A0 030C
EMCRH
Event Missed Clear Register High
0x02A0 0310
QEMR
QDMA Event Missed Register
0x02A0 0314
QEMCR
QDMA Event Missed Clear Register
0x02A0 0318
CCERR
EDMA3CC Error Register
0x02A0 031C
CCERRCLR
EDMA3CC Error Clear Register
0x02A0 0320
EEVAL
Error Evaluate Register
0x02A0 0324 - 0x02A0 033C
-
Reserved
0x02A0 0340
DRAE0
DMA Region Access Enable Register for Region 0
0x02A0 0344
DRAEH0
DMA Region Access Enable Register High for Region 0
0x02A0 0348
DRAE1
DMA Region Access Enable Register for Region 1
0x02A0 034C
DRAEH1
DMA Region Access Enable Register High for Region 1
0x02A0 0350
DRAE2
DMA Region Access Enable Register for Region 2
0x02A0 0354
DRAEH2
DMA Region Access Enable Register High for Region 2
0x02A0 0358
DRAE3
DMA Region Access Enable Register for Region 3
0x02A0 035C
DRAEH3
DMA Region Access Enable Register High for Region 3
0x02A0 0360
DRAE4
DMA Region Access Enable Register for Region 4
0x02A0 0364
DRAEH4
DMA Region Access Enable Register High for Region 4
0x02A0 0368
DRAE5
DMA Region Access Enable Register for Region 5
0x02A0 036C
DRAEH5
DMA Region Access Enable Register High for Region 5
0x02A0 0370
DRAE6
DMA Region Access Enable Register for Region 6
0x02A0 0374
DRAEH6
DMA Region Access Enable Register High for Region 6
0x02A0 0378
DRAE7
DMA Region Access Enable Register for Region 7
0x02A0 037C
DRAEH7
DMA Region Access Enable Register High for Region 7
0x02A0 0380
QRAE0
QDMA Region Access Enable Register for Region 0
0x02A0 0384
QRAE1
QDMA Region Access Enable Register for Region 1
0x02A0 0388
QRAE2
QDMA Region Access Enable Register for Region 2
74
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com