Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647CUT7 Datasheet(PDF) 98 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 94Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 95Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 96Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 97Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 98Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 99Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 100Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 101Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-26. DSP Interrupt Events (continued)
DSP
EVENT
INTERRUPT SOURCE
INTERRUPT
EVENT NUMBER
91
Reserved
Reserved
92
Reserved
Reserved
93
Reserved
Reserved
94
Reserved
Reserved
95
Reserved
Reserved
96
INTERR
C64x+ Interrupt Controller Dropped CPU Interrupt Event
97
EMC_IDMAERR
C64x+ EMC Invalid IDMA Parameters event
98
Reserved
Reserved
99
Reserved
Reserved
100
EFIINTA
EFI Interrupt from side A event
101
EFIINTB
EFI Interrupt from side B event
102 - 112
Reserved
Reserved
113
L1P_ED
L1P Single bit error detected during DMA read event
114-115
Reserved
Reserved
116
L2_ED1
L2 single bit error detected event
117
L2_ED2
L2 two bit error detected event
118
PDC_INT
Power Down sleep interrupt event
119
Reserved
Reserved
120
L1P_CMPA
L1P CPU memory protection fault event
121
L1P_DMPA
L1P DMA memory protection fault event
122
L1D_CMPA
L1D CPU memory protection fault event
123
L1D_DMPA
L1D DMA memory protection fault event
124
L2_CMPA
L2 CPU memory protection fault event
125
L2_DMPA
L2 DMA memory protection fault event
126
IDMA_CMPA
IDMA CPU memory protection fault event
127
IDMA_BUSERR
IDMA bus error interrupt event
98
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com