| Electronic Components Datasheet Search |
|
TMS320DM6435 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6435 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 252 page ![]() TMS320DM6435 Digital Media Processor www.ti.com SPRS344C – NOVEMBER 2006 – REVISED JUNE 2008 Table 2-15. Host-Port Interface Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. Host-Port Interface (HPI) HD0/VLYNQ_SCRUN/ IPU C8 B9 GP[58] DVDD33 HD1/VLYNQ_RXD0/ D7 C9 GP[59] HD2/VLYNQ_RXD1/ A8 A9 GP[60] HD3/VLYNQ_RXD2/ B7 B8 GP[61] HD4/VLYNQ_RXD3/ C7 C8 GP[62] HD5/VLYNQ_TXD0/ A6 A7 GP[63] HD6/VLYNQ_TXD1/ D6 C7 GP[64] This pin is multiplexed between HPI, VLYNQ or EMAC, and HD7/VLYNQ_TXD2/ B6 B7 GPIO. GP[65] I/O/Z In HPI mode, these pins are host-port data pins HD[15:0] HD8/VLYNQ_TXD3/ IPD (I/O/Z) and are multiplexed internally with the HPI address A5 A6 GP[66] DVDD33 lines. HD9/MCOL/ C6 C6 GP[67] HD10/MCRS/ B5 B6 GP[68] HD11/MTXD3/ C5 A5 GP[69] HD12/MTXD2/ D5 C5 GP[70] HD13/MTXD1/ B4 B4 GP[71] HD14/MTXD0/ D4 B5 GP[72] HD15/MTXCLK/ A4 A4 GP[73] This pin is multiplexed between HPI, EMAC, and GPIO. HHWIL/MRXDV/ IPD C4 D3 I/O/Z In HPI mode, this pin is half-word identification input HHWIL GP[74] DVDD33 (I). This pin is multiplexed between HPI, EMAC, and GPIO. In HPI mode, this pin is control input 1 HCNTL1 (I). The state HCNTL1/MTXEN/ IPD D3 C4 I/O/Z of HCNTL1 and HCNTL0 determines if address, data, or GP[75] DVDD33 control information is being transmitted between an external host and the DM6435. This pin is multiplexed between HPI, EMAC, and GPIO. In HPI mode, this pin is control input 0 HCNTL0 (I). The state HCNTL0/MRXER/ IPD B3 B2 I/O/Z of HCNTL1 and HCNTL0 determines if address, data, or GP[76] DVDD33 control information is being transmitted between an external host and the DM6435. HR/W/MRXCLK/ IPD This pin is multiplexed between HPI, EMAC, and GPIO. A3 A3 I/O/Z GP[77] DVDD33 In HPI mode, this pin is host read or write select HR/W(I). HDS2/MRXD0/ IPU This pin is multiplexed between HPI, EMAC, and GPIO. C3 C2 I/O/Z GP[78] DVDD33 In HPI mode, this pin is host data strobe input 2 HDS2 (I). HDS1/MRXD1/ IPU This pin is multiplexed between HPI, EMAC, and GPIO. B2 B3 I/O/Z GP[79] DVDD33 In HPI mode, this pin is host data strobe input 1 HDS1 (I). (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 39 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |